Electronic Components Datasheet Search
  English  ▼

X  

MPW2000 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MPW2000
Description  DC/DC CONVERTER 30W, Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2000 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MPW2000_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPW2000 SERIES
DC/DC CONVERTER 30W, Single & Dual Output
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 1 of 7
®
FEATURES
►Industrial Standard 2" X 1.6" Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500 VDC
►Operating Ambient Temp. Range -40℃ to +80℃
►Overload and Short Circuit Protection
►Remote On/Off Control, Output Voltage Trim
►Shielded Metal Case with Insulated Baseplate
►Designed-in Conducted EMI meets EN55022 Class A & FCC Level A
►UL/cUL/IEC/EN 60950-1 Safety Approval
PRODUCT OVERVIEW
The MINMAX MPW2000 series is a range of isolated 30W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input
voltage ranges.The product comes in a 2"x 1.6"x 0.4" metal package with industry standard pinout. An excellent efficiency allows an operating temperature
range of –40° to +80°C (with derating).
Typical applications for these converters are battery operated equipment and instrumentation, distributed power systems, data communication and general
industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MPW2031
24
(10 ~ 40)
3.3
5500
400
922
20
50
3.9
10000
82
MPW2032
5
5000
350
1225
6.8
10000
85
MPW2033
12
2500
166
1404
15
1000
89
MPW2034
15
2000
133
1404
18
1000
89
MPW2036
±12
±1250
±83
1404
±15
330#
89
MPW2037
±15
±1000
±65
1404
±18
330#
89
MPW2041
48
(18 ~ 75)
3.3
5500
400
461
10
25
3.9
10000
82
MPW2042
5
5000
350
613
6.8
10000
85
MPW2043
12
2500
166
702
15
1000
89
MPW2044
15
2000
133
702
18
1000
89
MPW2046
±12
±1250
±83
702
±15
330#
89
MPW2047
±15
±1000
±65
702
±18
330#
89
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
24V Input Models
9.4
9.7
10
48V Input Models
17
17.5
18
Under Voltage Shutdown
24V Input Models
9
9.3
9.5
48V Input Models
16
16.5
17
Short Circuit Input Power
All Models
---
---
4500
mW
Input Filter
Internal LC Type
Conducted EMI
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MPW2000_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
More results

Similar Description - MPW2000_15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
25~30W DC-DC Dual Output Converter
logo
Chinfa Electronics Ind....
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U Datasheet
220Kb / 4P
DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
30W Single Output DC-DC Converter
logo
Chinfa Electronics Ind....
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
30W Single/Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com