Electronic Components Datasheet Search
  English  ▼

X  

BF1203 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BF1203
Description  Dual N-channel dual gate MOS-FET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1203 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BF1203 Datasheet HTML 9Page - NXP Semiconductors BF1203 Datasheet HTML 10Page - NXP Semiconductors BF1203 Datasheet HTML 11Page - NXP Semiconductors BF1203 Datasheet HTML 12Page - NXP Semiconductors BF1203 Datasheet HTML 13Page - NXP Semiconductors BF1203 Datasheet HTML 14Page - NXP Semiconductors BF1203 Datasheet HTML 15Page - NXP Semiconductors BF1203 Datasheet HTML 16Page - NXP Semiconductors BF1203 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2001 Apr 25
13
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1203
handbook, halfpage
050
20
0
4
8
12
16
10
20
30
40
IG1 (µA)
ID
(mA)
MCD956
Fig.23 Drain current as a function of gate 1 current;
typical values.
Amplifier b
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
VGG (V)
15
16
12
4
0
8
23
4
MCD957
ID
(mA)
Fig.24 Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
Amplifier b
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.35.
handbook, halfpage
024
6
VGG = VDS (V)
ID
(mA)
20
0
16
12
8
4
MCD958
RG1 = 68 kΩ
82 k
Ω
100 k
Ω
120 k
Ω
150 k
Ω
220 k
Ω
180 k
Ω
Fig.25 Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
Amplifier b
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.35.
handbook, halfpage
02
46
16
12
4
0
8
MCD959
VG2-S (V)
ID
(mA)
4.5 V
4 V
3 V
VGG = 5 V
3.5 V
Amplifier b
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.35.
Fig.26 Drain current as a function of gate 2
voltage; typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com