Electronic Components Datasheet Search
  English  ▼

X  

CS8952T-IQ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8952T-IQ
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T-IQ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8952T-IQ Datasheet HTML 30Page - Cirrus Logic CS8952T-IQ Datasheet HTML 31Page - Cirrus Logic CS8952T-IQ Datasheet HTML 32Page - Cirrus Logic CS8952T-IQ Datasheet HTML 33Page - Cirrus Logic CS8952T-IQ Datasheet HTML 34Page - Cirrus Logic CS8952T-IQ Datasheet HTML 35Page - Cirrus Logic CS8952T-IQ Datasheet HTML 36Page - Cirrus Logic CS8952T-IQ Datasheet HTML 37Page - Cirrus Logic CS8952T-IQ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
34
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Basic Mode Status Register - Address 01h (Cont.)
BIT
NAME
TYPE
RESET
DESCRIPTION
3
Auto-Neg Ability
Read Only
1
This bit indicates that the CS8952T has auto-negotia-
tion capability. It will always read back a value of 1.
2
Link Status
Read Only
0
When set, this bit indicates that a valid link has been
established. Upon a link failure, this bit is cleared and
latched. It will remain cleared until this register is
read.
1
Jabber Detect
Read Only
0
In 10BASE-T mode, if the last transmission is longer
than 105 ms, then the packet output is terminated by
the jabber logic and this bit is set. If JabberiE (Inter-
rupt Mask Register (address 10h), bit 3) is set, an MII
Interrupt will be generated.
This bit is implemented with a latching function so
that the occurrence of a jabber condition causes it to
become set until it is cleared by a read to this register,
a read to the Interrupt Status Register (address 11h),
or a reset.
No jabber detect function has been defined for
100BASE-TX.
0
Extended Capability Read Only
1
This bit indicates that an extended register set may
be accessed (registers beyond address 01h). This bit
always reads back a value of 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com