Electronic Components Datasheet Search
  English  ▼

X  

CS8952T-IQ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8952T-IQ
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T-IQ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8952T-IQ Datasheet HTML 35Page - Cirrus Logic CS8952T-IQ Datasheet HTML 36Page - Cirrus Logic CS8952T-IQ Datasheet HTML 37Page - Cirrus Logic CS8952T-IQ Datasheet HTML 38Page - Cirrus Logic CS8952T-IQ Datasheet HTML 39Page - Cirrus Logic CS8952T-IQ Datasheet HTML 40Page - Cirrus Logic CS8952T-IQ Datasheet HTML 41Page - Cirrus Logic CS8952T-IQ Datasheet HTML 42Page - Cirrus Logic CS8952T-IQ Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
DS206TPP2
39
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Auto-Negotiation Expansion Register - Address 06h
15
14
13
12
11
10
9
8
Reserved
7
6
5
4
3
2
1
0
Reserved
Parallel
Detection
Fault
Link Partner
Next Page
Able
Next Page
Able
Page
Received
Link Partner
Auto-Neg Able
BIT
NAME
TYPE
RESET
DESCRIPTION
15:5
Reserved
Read Only
000 0000 0000
4
Parallel Detection
Fault
Read Only
0
When set, this bit indicates an error condition in
which both the 10BASE-T and 100BASE-TX links
came up valid, or that one of the technologies estab-
lished a link but was unable to maintain the link. This
bit is self-clearing.
3
Link Partner Next
Page Able
Read Only
0
When set, this bit indicates that the link partner is
capable of Next Page exchange.
2
Next Page Able
Read Only
1
This bit is a status bit which indicates to the Manage-
ment Layer that the CS8952T supports Next Page
capability.
1
Page Received
Read Only
0
When set, this bit indicates that a valid word of auto-
negotiation data has been received and its integrity
verified. The first page of data will consist of the Base
Page, and all successive pages will consist of Next
Page data. This bit is self-clearing.
0
Link Partner Auto-
Neg Able
Read Only
0
When set, this bit indicates that the link partner has
auto-negotiation capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com