Electronic Components Datasheet Search
  English  ▼

X  

CY2280 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2280
Description  100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2280 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2280 Datasheet HTML 1Page - Cypress Semiconductor CY2280 Datasheet HTML 2Page - Cypress Semiconductor CY2280 Datasheet HTML 3Page - Cypress Semiconductor CY2280 Datasheet HTML 4Page - Cypress Semiconductor CY2280 Datasheet HTML 5Page - Cypress Semiconductor CY2280 Datasheet HTML 6Page - Cypress Semiconductor CY2280 Datasheet HTML 7Page - Cypress Semiconductor CY2280 Datasheet HTML 8Page - Cypress Semiconductor CY2280 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY2280
Document #: 38-07207 Rev. *A
Page 3 of 12
Function Table (-11S Option)
SEL100
SEL1
SEL0
SEL_SS[2]
CPU/PCI
Ratio
CPUCLK
PCICLK_F
PCICLK
REF
APIC
USBCLK
0
0
0
N/A
2
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
1
N/A
2
Reserved
Reserved
14.318 MHz
14.318 MHz
48 MHz
0
1
0
N/A
2
Reserved
Reserved
14.318 MHz
14.318 MHz
48 MHz
0
1
1
0 (downspread)
2
66.66 MHz 33.33 MHz
14.318 MHz
14.318 MHz
48 MHz
0
1
1
1 (no spread)
2
66.66 MHz 33.33 MHz
14.318 MHz
14.318 MHz
48 MHz
1
0
0
N/A
3
TCLK/2
TCLK/6
TCLK[3]
TCLK[3]
TCLK/2
1
0
1
N/A
3
Reserved
Reserved
14.318 MHz
14.318 MHz
48 MHz
1
1
0
N/A
3
Reserved
Reserved
14.318 MHz
14.318 MHz
48 MHz
1
1
1
0 (downspread)
3
100 MHz
33.33 MHz
14.318 MHz
14.318 MHz
48 MHz
1
1
1
1 (no spread)
3
100 MHz
33.33 MHz
14.318 MHz
14.318 MHz
48 MHz
Function Table (-21S Option)
SEL100
SEL1
SEL0
SEL_SS[2]
CPU/PCI
Ratio
CPUCLK
PCICLK_F
PCICLK
REF
APIC
USBCLK
0
0
0
N/A
2
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
1
N/A
2
Reserved
Reserved
14.318 MHz
Reserved
48 MHz
0
1
0
N/A
2
Reserved
Reserved
14.318 MHz
Reserved
48 MHz
0
1
1
0 (downspread)
2
66.66 MHz 33.33 MHz
14.318 MHz
16.67 MHz
48 MHz
0
1
1
1 (no spread)
2
66.66 MHz 33.33 MHz
14.318 MHz
16.67 MHz
48 MHz
1
0
0
N/A
3
TCLK/2
TCLK/6
TCLK[3]
TCLK/12[3]
TCLK/2
1
0
1
N/A
3
Reserved
Reserved
14.318 MHz
Reserved
48 MHz
1
1
0
N/A
3
Reserved
Reserved
14.318 MHz
Reserved
48 MHz
1
1
1
0 (downspread)
3
100 MHz
33.33 MHz
14.318 MHz
16.67 MHz
48 MHz
1
1
1
1 (no spread)
3
100 MHz
33.33 MHz
14.318 MHz
16.67 MHz
48 MHz
Actual Clock Frequency Values
Clock Output
Target Frequency
(MHz)
Actual Frequency
(MHz)
PPM
CPUCLK
66.67
66.654
–195
CPUCLK
100
99.77
–2346
USBCLK
48.0
48.008
167
Power Management Logic
CPU_STOP
PCI_STOP
PWR_DWN
CPUCLK
PCICLK
PCICLK_F
Other
Clocks
Osc.
PLLs
X
X
0
Low
Low
Low
Low
Off
Off
0
0
1
Low
Low
Running
Running
Running Running
0
1
1
Low
Running
Running
Running
Running Running
1
0
1
Running
Low
Running
Running
Running Running
1
1
1
Running
Running
Running
Running
Running Running
Notes:
2.
Target frequency is modulated by percentage shown (max.) when SEL_SS = 0.
3.
TCLK supplied on the XTALIN pin in Test Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com