Electronic Components Datasheet Search
  English  ▼

X  

DS1922T Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS1922T
Description  Temperature Logger iButton With 8kB Datalog Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1922T Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS1922T Datasheet HTML 35Page - Dallas Semiconductor DS1922T Datasheet HTML 36Page - Dallas Semiconductor DS1922T Datasheet HTML 37Page - Dallas Semiconductor DS1922T Datasheet HTML 38Page - Dallas Semiconductor DS1922T Datasheet HTML 39Page - Dallas Semiconductor DS1922T Datasheet HTML 40Page - Dallas Semiconductor DS1922T Datasheet HTML 41Page - Dallas Semiconductor DS1922T Datasheet HTML 42Page - Dallas Semiconductor DS1922T Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DS1922L/DS1922T
39 of 48
1-Wire SIGNALING
The DS1922L/T requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on
one line: reset sequence with reset pulse and presence pulse, write-zero, write-one, and read-data. Except for the
presence pulse, the bus master initiates all these signals. The DS1922L/T can communicate at two different
speeds, standard speed and Overdrive speed. If not explicitly set into the Overdrive mode, the DS1922L/T will
communicate at standard speed. While in Overdrive mode the fast timing applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the threshold VTL. To get
from active to idle, the voltage needs to rise from VILMAX past the threshold VTH. The time it takes for the voltage to
make this rise is seen in Figure 12 as '
e' and its duration depends on the pullup resistor (RPUP) used and the
capacitance of the 1-Wire network attached. The voltage VILMAX is relevant for the DS1922L/T when determining a
logical level, not triggering any events.
The initialization sequence required to begin any communication with the DS1922L/T is shown in Figure 12. A reset
pulse followed by a presence pulse indicates the DS1922L/T is ready to receive data, given the correct ROM and
memory function command. If the bus master uses slew-rate control on the falling edge, it must pull down the line
for tRSTL + tF to compensate for the edge. A tRSTL duration of 690µs or longer will exit the Overdrive mode returning
the device to standard speed. If the DS1922L/T is in Overdrive mode and tRSTL is no longer than 80µs the device
will remain in Overdrive mode.
Figure 12. Initialization Procedure “Reset and Presence Pulses”
RESISTOR
MASTER
DS1922L/T
tRSTL
tPDL
tRSTH
tPDH
MASTER TX “RESET PULSE” MASTER RX “PRESENCE PULSE”
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
e
tF
tREC
tMSP
After the bus master has released the line it goes into receive mode (RX). Now the 1-Wire bus is pulled to VPUP
through the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the threshold VTH is crossed,
the DS1922L/T waits for tPDH and then transmits a presence pulse by pulling the line low for tPDL. To detect a
presence pulse, the master must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is expired, the
DS1922L/T is ready for data communication. In a mixed population network tRSTH should be extended to minimum
480µs at standard speed and 48µs at Overdrive speed to accommodate other 1-Wire devices.
READ/WRITE TIME SLOTS
Data communication with the DS1922L/T takes place in time slots, which carry a single bit each. Write time slots
transport data from bus master to slave. Read time slots transfer data from slave to master. The definitions of the
write and read time slots are illustrated in Figure 13.
All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line falls below the
threshold VTL, the DS1922L/T starts its internal timing generator that determines when the data line is sampled
during a write time slot and how long data is valid during a read time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com