Electronic Components Datasheet Search
  English  ▼

X  

DS1922T Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS1922T
Description  Temperature Logger iButton With 8kB Datalog Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1922T Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS1922T Datasheet HTML 37Page - Dallas Semiconductor DS1922T Datasheet HTML 38Page - Dallas Semiconductor DS1922T Datasheet HTML 39Page - Dallas Semiconductor DS1922T Datasheet HTML 40Page - Dallas Semiconductor DS1922T Datasheet HTML 41Page - Dallas Semiconductor DS1922T Datasheet HTML 42Page - Dallas Semiconductor DS1922T Datasheet HTML 43Page - Dallas Semiconductor DS1922T Datasheet HTML 44Page - Dallas Semiconductor DS1922T Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DS1922L/DS1922T
41 of 48
The sum of tRL +
d (rise rime) on one side and the internal timing generator of the DS1922L/T on the other side
define the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line.
For most reliable communication, tRL should be as short as permissible and the master should read close to but no
later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees
sufficient recovery time tREC for the DS1922L/T to get ready for the next time slot.
IMPROVED NETWORK BEHAVIOR
In a 1-Wire environment line termination is possible only during transients controlled by the bus master (1-Wire
driver). 1-Wire networks, therefore are susceptible to noise of various origins. Depending on the physical size and
topology of the network, reflections from end points, and branch points can add up or cancel each other to some
extent. Such reflections are visible as glitches or ringing on the 1-Wire communication line. Noise coupled onto the
1-Wire line from external sources can also result in signal glitching. A glitch during the rising edge of a time slot can
cause a slave device to lose synchronization with the master and, as a consequence, result in a search ROM
command coming to a dead end or cause a device-specific function command to abort. For better performance in
network applications, the DS1922L/T uses a new 1-Wire front end, which makes it less sensitive to noise and also
reduces the magnitude of noise injected by the slave device itself.
The 1-Wire front end of the DS1922L/T differs from traditional slave devices in four characteristics:
1) The falling edge of the presence pulse has a controlled slew rate. This provides a better match to the line
impedance than a digitally switched transistor, converting the high frequency ringing known from traditional
devices into a smoother low-bandwidth transition. The slew rate control is specified by the parameter tFPD,
which has different values for standard and Overdrive speed.
2) There is additional low-pass filtering in the circuit that detects the falling edge at the beginning of a time slot.
This reduces the sensitivity to high-frequency noise. This additional filtering does not apply at Overdrive speed.
3) There is a hysteresis at the low-to-high switching threshold VTH. If a negative glitch crosses VTH but doesn’t go
below VTH - VHY, it will not be recognized (Figure 14, Case A). The hysteresis is effective at any 1-Wire speed.
4) There is a time window specified by the rising edge hold-off time tREH during which glitches will be ignored,
even if they extend below VTH - VHY threshold (Figure 14, Case B, tGL < tREH). Deep voltage droops or glitches
that appear late after crossing the VTH threshold and extend beyond the tREH window cannot be filtered out and
will be taken as beginning of a new time slot (Figure 14, Case C, tGL
³ tREH).
Only devices which have the parameters tFPD, VHY and tREH specified in their electrical characteristics use the
improved 1-Wire front end.
Figure 14. Noise Suppression Scheme
VPUP
VTH
VHY
0V
tREH
tGL
tREH
tGL
Case A
Case C
Case B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com