Electronic Components Datasheet Search
  English  ▼

X  

7915CT Datasheet(PDF) 11 Page - ON Semiconductor

Part # 7915CT
Description  1.0 A Negative Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7915CT Datasheet(HTML) 11 Page - ON Semiconductor

Back Button 7915CT Datasheet HTML 7Page - ON Semiconductor 7915CT Datasheet HTML 8Page - ON Semiconductor 7915CT Datasheet HTML 9Page - ON Semiconductor 7915CT Datasheet HTML 10Page - ON Semiconductor 7915CT Datasheet HTML 11Page - ON Semiconductor 7915CT Datasheet HTML 12Page - ON Semiconductor 7915CT Datasheet HTML 13Page - ON Semiconductor 7915CT Datasheet HTML 14Page - ON Semiconductor 7915CT Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC7900 Series
http://onsemi.com
11
ORDERING INFORMATION
Device
Nominal
Output Voltage
Output Voltage
Tolerance
Package
Operating
Temperature Range
Shipping†
MC7905ACD2T
−5.0 V
2%
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7905ACD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905ACD2TR4
D2PAK
800 Tape & Reel
MC7905ACD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905ACT
TO−220
50 Units/Rail
MC7905ACTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905BD2T
4%
D2PAK
TJ = −40°C to +125°C
50 Units/Rail
MC7905BD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905BD2TR4
D2PAK
800 Tape & Reel
MC7905BD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905BT
TO−220
50 Units/Rail
MC7905BTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905CD2T
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7905CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905CD2TR4
D2PAK
800 Tape & Reel
MC7905CD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905CT
TO−220
50 Units/Rail
MC7905CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905.2CT
−5.2 V
4%
TO−220
TJ = 0°C to +125°C
50 Units/Rail
MC7905.2CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7906CD2T
−6.0 V
4%
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7906CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7906CT
TO−220
50 Units/Rail
MC7906CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7908ACT
−8.0 V
2%
TO−220
TJ = 0°C to +125°C
50 Units/Rail
MC7908ACTG
TO−220
(Pb−Free)
50 Units/Rail
MC7908CD2T
4%
D2PAK
50 Units/Rail
MC7908CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7908CD2TR4
D2PAK
800 Tape & Reel
MC7908CD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7908CT
TO−220
50 Units/Rail
MC7908CTG
TO−220
(Pb−Free)
50 Units/Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com