Electronic Components Datasheet Search
  English  ▼

X  

7915CT Datasheet(PDF) 13 Page - ON Semiconductor

Part # 7915CT
Description  1.0 A Negative Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7915CT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button 7915CT Datasheet HTML 8Page - ON Semiconductor 7915CT Datasheet HTML 9Page - ON Semiconductor 7915CT Datasheet HTML 10Page - ON Semiconductor 7915CT Datasheet HTML 11Page - ON Semiconductor 7915CT Datasheet HTML 12Page - ON Semiconductor 7915CT Datasheet HTML 13Page - ON Semiconductor 7915CT Datasheet HTML 14Page - ON Semiconductor 7915CT Datasheet HTML 15Page - ON Semiconductor 7915CT Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MC7900 Series
http://onsemi.com
13
Device
Shipping†
Operating
Temperature Range
Package
Output Voltage
Tolerance
Nominal
Output Voltage
MC7915ACD2T
− 15 V
2%
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7915ACD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7915ACT
TO−220
50 Units/Rail
MC7915ACTG
TO−220
(Pb−Free)
50 Units/Rail
MC7915BD2T
4%
D2PAK
TJ = −40°C to +125°C
50 Units/Rail
MC7915BD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7915BT
TO−220
50 Units/Rail
MC7915BTG
TO−220
(Pb−Free)
50 Units/Rail
MC7915BD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7915CD2T
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7915CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7915CD2TR4
D2PAK
800 Tape & Reel
MC7915CD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7915CT
TO−220
50 Units/Rail
MC7915CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7918CT
− 18 V
4%
TO−220
TJ = 0°C to +125°C
50 Units/Rail
MC7918CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7924BT
− 24 V
4%
TO−220
TJ = −40°C to +125°C
50 Units/Rail
MC7924BTG
TO−220
(Pb−Free)
50 Units/Rail
MC7924CD2T
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7924CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7924CT
TO−220
50 Units/Rail
MC7924CTG
TO−220
(Pb−Free)
50 Units/Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com