Electronic Components Datasheet Search
  English  ▼

X  

EL2157 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2157
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157 Datasheet(HTML) 4 Page - Intersil Corporation

  EL2157 Datasheet HTML 1Page - Intersil Corporation EL2157 Datasheet HTML 2Page - Intersil Corporation EL2157 Datasheet HTML 3Page - Intersil Corporation EL2157 Datasheet HTML 4Page - Intersil Corporation EL2157 Datasheet HTML 5Page - Intersil Corporation EL2157 Datasheet HTML 6Page - Intersil Corporation EL2157 Datasheet HTML 7Page - Intersil Corporation EL2157 Datasheet HTML 8Page - Intersil Corporation EL2157 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
NOTES:
1. CLAMP pin and ENABLE pin specifications apply only to the EL2157.
2. Internal short circuit protection circuitry has been built into the EL2150/EL2157. See the Applications section.
3. If the disable feature is not desired, tie the ENABLE pin to the VS pin, or apply a logic high level to the ENABLE pin.
4. The maximum output voltage that can be clamped is limited to the maximum positive output Voltage, or VOP. Applying a voltage higher than
VOP inactivates the clamp. If the clamp feature is not desired, either tie the CLAMP pin to the VS pin, or simply let the CLAMP pin float.
VON
Negative Output Voltage Swing
VS = 12V, AV = 1, RL = 150Ω to 0V
5.5
8
mV
VS = ±5V, AV = 1, RL = 1kΩ to 0V
-4.0
V
VS = ±5V, AV = 1, RL = 150Ω to 0V
-3.7
-3.4
V
IOUT
Output Current (Note 2)
VS = ±5V, AV = 1, RL = 10Ω to 0V
±75
±100
mA
VS = ±5V, AV = 1, RL = 50Ω to 0V
±60
mA
IOUT,OFF
Output Current, Disabled
VENABLE = 0.5V
0
20
µA
VIH-EN
ENABLE pin Voltage for Power Up
Relative to GND pin
2.0
V
VIL-EN
ENABLE pin Voltage for Shut Down Relative to GND pin
0.5
V
IIH-EN
ENABLE pin Input Current-High
(Note 3)
VS = VCLAMP = 12V, VENABLE = 12V
340
410
µA
IIL-EN
ENABLE pin Input Current-Low
(Note 3)
VS = VCLAMP = 12V, VENABLE = 0.5V
0
1
µA
VOR-CL
Voltage Clamp Operating Range
(Note 4)
Relative to GND pin
1.2
VOP
V
VACC-CL
CLAMP Accuracy
VIN = 4V, RL = 1kΩ to GND
-250
100
250
mV
VCLAMP = 1.5V and 3.5V
IIH-CL
CLAMP pin Input Current - High
VS = VCLAMP = 12V
12
25
µA
IIL-CL
CLAMP pin Input Current - Low
VS = 12V, VCLAMP = 1.2V
-20
-15
µA
DC Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, VCM = 1.5V, VOUT = 1.5V, VCLAMP = +5V, VENABLE = +5V, unless
otherwise specified. (Note 1) (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com