Electronic Components Datasheet Search
  English  ▼

X  

EL2157 Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL2157
Description  125MHz Single Supply, Clamping Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2157 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL2157 Datasheet HTML 9Page - Intersil Corporation EL2157 Datasheet HTML 10Page - Intersil Corporation EL2157 Datasheet HTML 11Page - Intersil Corporation EL2157 Datasheet HTML 12Page - Intersil Corporation EL2157 Datasheet HTML 13Page - Intersil Corporation EL2157 Datasheet HTML 14Page - Intersil Corporation EL2157 Datasheet HTML 15Page - Intersil Corporation EL2157 Datasheet HTML 16Page - Intersil Corporation EL2157 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Simplified Schematic
Applications Information
Product Description
The EL2150 and EL2157 are the industry's fastest single
supply operational amplifiers. Connected in voltage follower
mode, their -3dB bandwidth is 125MHz while maintaining a
275V/µs slew rate. With an input and output common mode
range that includes ground, these amplifiers were optimized
for single supply operation, but will also accept dual
supplies. They operate on a total supply voltage range as
low as +2.7V or up to +12V. This makes them ideal for +3V
applications, especially portable computers.
While many amplifiers claim to operate on a single supply,
and some can sense ground at their inputs, most fail to truly
drive their outputs to ground. If they do succeed in driving to
ground, the amplifier often saturates, causing distortion and
recovery delays. However, special circuitry built into the
EL2150 and EL2157 allows the output to follow the input
signal to ground without recovery delays.
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high-frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible. The power supply pins must
be well bypassed to reduce the risk of oscillation. The
combination of a 4.7µF tantalum capacitor in parallel with a
0.1µF ceramic capacitor has been shown to work well when
placed at each supply pin. For single supply operation,
where pin 4 (VS-) is connected to the ground plane, a single
4.7µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor across pins 7 and 4 will suffice.
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction should be
used. Carbon or Metal-Film resistors are acceptable with the
Metal-Film resistors giving slightly less peaking and
bandwidth because of their additional series inductance.
Use of sockets, particularly for the SO package should be
avoided if possible. Sockets add parasitic inductance and
capacitance which will result in some additional peaking and
overshoot.
Supply Voltage Range and Single-Supply
Operation
The EL2150 and EL2157 have been designed to operate
with supply voltages having a span of greater than 2.7V, and
less than 12V. In practical terms, this means that the EL2150
and EL2157 will operate on dual supplies ranging from
±1.35V to ±6V. With a single-supply, the EL2150 and
EL2157 will operate from +2.7V to +12V. Performance has
been optimized for a single +5V supply.
Pins 7 and 4 are the power supply pins. The positive power
supply is connected to pin 7. When used in single supply
mode, pin 4 is connected to ground. When used in dual
supply mode, the negative power supply is connected to
pin 4.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL2150 and EL2157 have an input voltage range that
includes the negative supply and extends to within 1.2V of
the positive supply. So, for example, on a single +5V supply,
the EL2150 and EL2157 have an input range which spans
from 0V to 3.8V.
The output range of the EL2150 and EL2157 is also quite
large. It includes the negative rail, and extends to within 1V
of the top supply rail. On a +5V supply, the output is
therefore capable of swinging from 0V to +4V. On split
supplies, the output will swing ±4V. If the load resistor is tied
EL2150, EL2157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com