Electronic Components Datasheet Search
  English  ▼

X  

IR1176SS Datasheet(PDF) 4 Page - International Rectifier

Part # IR1176SS
Description  SYNCHRONOUS RECTIFIER DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1176SS Datasheet(HTML) 4 Page - International Rectifier

  IR1176SS Datasheet HTML 1Page - International Rectifier IR1176SS Datasheet HTML 2Page - International Rectifier IR1176SS Datasheet HTML 3Page - International Rectifier IR1176SS Datasheet HTML 4Page - International Rectifier IR1176SS Datasheet HTML 5Page - International Rectifier IR1176SS Datasheet HTML 6Page - International Rectifier IR1176SS Datasheet HTML 7Page - International Rectifier IR1176SS Datasheet HTML 8Page - International Rectifier IR1176SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
IR1176
20
19
18
4
3
2
1
DTOUT2
VFLTRI
DTIN2
RADV1
VFLTR2
DTIN1
DTOUT1
RADV2
17
5
7
6
8
16
15
14
13
RVCO1
X1
RVCO2
X2
VSS
Q2
*VDD
Q1
9
10
12
11
AVDD
UVSET
AVSS
RBIAS
IR1176S
(SSOP-20)
IR1176SS
SOIC (wide body)
Lead Definitions and Assignments
Symbol Description
AVDD
Power - + 5 VDC to MOSFET drivers
Q1
Output - gate drive for Q1 power MOSFET
DTOUT1
Output - sets dead time for Q1 output - used with DTIN1
DTIN1
Input - sets dead time for Q1 - used with DTOUT1
RADV1
Output - sets lead time (advance) for Q1
VFLTR1
Output - PLL loop filter for Q1 output
RVCO1
Output - sets PLL center frequency for Q1 output
X1
Input - transformer input for Q1
VDD
Power - +5 Vdc for internal logic
UVSET
Input - sets UVLO+
If this pin is pulled below 1.25VDC externally, then both Q1 and Q2
outputs will be at Vss (disabled)
RBIAS
Output - connected to 34.0K +/- 1% resistor - sets operating current
AVSS
Ground for MOSFET driver supply (VDD)
X2
Input - transformer input for Q2
RVCO2
Output - sets PLL center frequency for Q2 output
VFLTR2
Output - PLL loop filter for Q2
RADV2
Output - sets lead time (advance) for Q2
DTIN2
Input - sets dead time for Q2 - used with DTOUT2
DTOUT2
Output - sets dead time for Q2 - used with DTIN2
VSS
Ground for logic supply (AVDD)
Q2
Output - gate drive for Q2 power MOSFET
IR1176
PDIP
20
19
18
4
3
2
1
DTOUT2
VFLTRI
DTIN2
RADV1
VFLTR2
DTIN1
DTOUT1
RADV2
17
5
7
6
8
16
15
14
13
RVCO1
X1
RVCO2
X2
VSS
Q2
*VDD
Q1
9
10
12
11
AVDD
UVSET
AVSS
RBIAS
20
19
18
4
3
2
1
DTOUT2
VFLTRI
DTIN2
RADV1
VFLTR2
DTIN1
DTOUT1
RADV2
17
5
7
6
8
16
15
14
13
RVCO1
X1
RVCO2
X2
VSS
Q2
*VDD
Q1
9
10
12
11
AVDD
UVSET
AVSS
RBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com