Electronic Components Datasheet Search
  English  ▼

X  

IR1176SS Datasheet(PDF) 1 Page - International Rectifier

Part # IR1176SS
Description  SYNCHRONOUS RECTIFIER DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1176SS Datasheet(HTML) 1 Page - International Rectifier

  IR1176SS Datasheet HTML 1Page - International Rectifier IR1176SS Datasheet HTML 2Page - International Rectifier IR1176SS Datasheet HTML 3Page - International Rectifier IR1176SS Datasheet HTML 4Page - International Rectifier IR1176SS Datasheet HTML 5Page - International Rectifier IR1176SS Datasheet HTML 6Page - International Rectifier IR1176SS Datasheet HTML 7Page - International Rectifier IR1176SS Datasheet HTML 8Page - International Rectifier IR1176SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Packages
SYNCHRONOUS RECTIFIER DRIVER
Features
• Provides constant and proper gate drive to power
MOSFETs regardless of transformer output
• Minimizes loss due to power MOSFET body
drain diode conduction
• Stand alone operation - no ties to primary side
• Schmitt trigger input with double pulse suppress-
ion allows operation in noisy environments
• High peak current drive capability - 4A
• High speed operation - 2MHz
• Adaptable to multiple topologies
Description
The IR1176 is a high speed CMOS controller designed
to drive N-channel power MOSFETs used as synchro-
nous rectifiers in high current, high frequency forward
converters with output voltages equal or below 5VDC.
Schmitt trigger inputs with double pulse suppression
allow the controller to operate in noisy environments.
The circuit does not require any ties to the primary
side and derives its operating power directly from
the secondary. The circuit functions by anticipating
transformer output transitions, then turns the power
MOSFETs on or off before the transitions of the trans-
former to minimize body drain diode conduction and
reduce associated losses. Turn on/off lead time can
be adjusted to accommodate a variety of power
MOSFET sizes and circuit conditions. The IR1176 also
provides gate drive overlap/dead-time control via
external components to further minimize diode con-
duction by nulling effects of secondary loop and de-
vice package inductance.
Vdd
5Vdc
IO+/- (peak)
4A/4A
Fmax
2MHz
Max lead time
500nsec
Product Summary
IR1176S
20 Lead Surface Mount
(SSOP-20)
IR1176
20 Lead PDIP
(MS-001AD)
IR1176SS
20 Lead SOIC (MS-013AC)
IR1176
Preliminary Data Sheet PD60185-C


Similar Part No. - IR1176SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1175 IRF-IR1175 Datasheet
160Kb / 9P
Synchronous Rectifier Driver
More results

Similar Description - IR1176SS

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6003 SYNC-POWER-SP6003 Datasheet
192Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
Synchronous Rectifier Driver
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
Synchronous Rectifier Driver
logo
Advanced Power Electron...
APE6019 A-POWER-APE6019 Datasheet
209Kb / 6P
SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6018E SYNC-POWER-SP6018E Datasheet
236Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A_12 Datasheet
125Kb / 7P
Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A_12 Datasheet
161Kb / 7P
Synchronous Rectifier Driver
SP6019 SYNC-POWER-SP6019_13 Datasheet
133Kb / 7P
Synchronous Rectifier Driver
SP6019D SYNC-POWER-SP6019D Datasheet
358Kb / 8P
Synchronous Rectifier Driver
SP6016E SYNC-POWER-SP6016E Datasheet
727Kb / 8P
Synchronous Rectifier Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com