Electronic Components Datasheet Search
  English  ▼

X  

SSF4606 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF4606
Description  30V Complementary MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4606 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF4606 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.0
SSF4606
30V Complementary MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
4606
SSF4606
SOP-8
Ø330mm
12mm
2500 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25℃
6.9
-6
Continuous Drain Current
TA=70℃
ID
6.0
-5.0
A
Pulsed Drain Current (Note 1)
IDM
30
-30
A
TA=25℃
2.0
2.0
Maximum Power Dissipation
TA=70℃
PD
1.44
1.44
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
THERMAL CHARACTERISTICS
N-Ch
62.5
Thermal Resistance,Junction-to-Ambient (Note2)
RθJA
P-Ch
62.5
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
GENERAL FEATURES
●N-Channel
VDS = 30V,ID = 6.9A
RDS(ON) < 42mΩ @ VGS=4.5V
RDS(ON) < 28mΩ @ VGS=10V
●P-Channel
VDS = -30V,ID = -6A
RDS(ON) < 58mΩ @ VGS=-4.5V
RDS(ON) < 35mΩ @ VGS=-10V
●High Power and current handing capability
●Lead free product
●Surface Mount Package
Marking and pin Assignment
SOP-8 Top View
Schematic Diagram
DESCRIPTION
The SSF4606 uses advanced trench
technology MOSFET to provide excellent
RDS(ON) and low gate charge. The
complementary MOSFET may be used
in power inverters, and other applications.
N-channel
P-channel


Similar Part No. - SSF4606

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4606 SILIKRON-SSF4606 Datasheet
414Kb / 5P
High Power and current handing capability
logo
VBsemi Electronics Co.,...
SSF4606 VBSEMI-SSF4606 Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606_15 Datasheet
580Kb / 4P
30V Complementary MOSFET
More results

Similar Description - SSF4606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
30V Complementary MOSFET
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
30V Complementary MOSFET
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
30V Complementary MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com