Electronic Components Datasheet Search
  English  ▼

X  

SSF4606 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF4606
Description  30V Complementary MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4606 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF4606 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4606 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.0
SSF4606
30V Complementary MOSFET
VGS=0V ID=250μA
N-Ch
30
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
P-Ch
-30
V
VDS=24V,VGS=0V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
P-Ch
-1
μA
N-Ch
±100
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
P-Ch
±100
nA
ON CHARACTERISTICS (Note 3)
VDS=VGS,ID=250μA
N-Ch
1
1.9
3
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
P-Ch
-1.2
-2
-2.4
V
VGS=10V, ID=6.9A
N-Ch
22.5
28
VGS=-10V, ID=-6.0A
P-Ch
28
35
VGS=4.5V, ID=5A
N-Ch
34.5
42
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-5A
P-Ch
44
58
mΩ
VDS=5V,ID=6.9A
N-Ch
10
15.4
Forward Transconductance
gFS
VDS=-5V,ID=-6A
P-Ch
13
S
DYNAMIC PARAMETERS
N-Ch
680
Input Capacitance
Clss
P-Ch
900
N-Ch
100
Output Capacitance
Coss
P-Ch
200
N-Ch
77
Reverse Transfer Capacitance
Crss
N-Ch
VGS=0V, VDS=15V, f=1MHz
P-Ch
VGS=0V, VDS=-15V, f=1MHz
P-Ch
120
pF
SWITCHING CHARACTERISTICS (Note 4)
N-Ch
4.6
Turn-on Delay Time
td(on)
P-Ch
7.7
nS
N-Ch
4.1
Turn-on Rise Time
tr
P-Ch
5.7
nS
N-Ch
20.6
Turn-Off Delay Time
td(off)
P-Ch
20
nS
N-Ch
5.2
Turn-Off Fall Time
tf
N-Ch
VDD=15V, RL=2.2Ω
VGEN=10V,RGEN=3Ω
P-Ch
VDD=-15V, RL=2.7Ω
VGEN=-10V,RGEN=3Ω
P-Ch
9.5
nS
N-Ch
7
Total Gate Charge
Qg
P-Ch
9.6
nC
N-Ch
1.8
Gate-Source Charge
Qgs
P-Ch
2.5
nC
N-Ch
3.2
Gate-Drain Charge
Qgd
N-Ch
VDS=15V,ID=6.9A,
VGS=4.5V
P-Ch
VDS=-15V,ID=-6A,
VGS=-4.5V
P-Ch
4.5
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com