Electronic Components Datasheet Search
  English  ▼

X  

LM2734 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2734 Datasheet HTML 1Page - National Semiconductor (TI) LM2734 Datasheet HTML 2Page - National Semiconductor (TI) LM2734 Datasheet HTML 3Page - National Semiconductor (TI) LM2734 Datasheet HTML 4Page - National Semiconductor (TI) LM2734 Datasheet HTML 5Page - National Semiconductor (TI) LM2734 Datasheet HTML 6Page - National Semiconductor (TI) LM2734 Datasheet HTML 7Page - National Semiconductor (TI) LM2734 Datasheet HTML 8Page - National Semiconductor (TI) LM2734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Typical Performance Characteristics All curves taken at V
IN = 5V, VBOOST -VSW = 5V, L1 = 4.7 µH
("X"), L1 = 10 µH ("Y"), and T
A = 25˚C, unless specified otherwise. (Continued)
Oscillator Frequency vs Temperature - "X"
Oscillator Frequency vs Temperature - "Y"
20102327
20102328
Current Limit vs Temperature
V
IN =5V
Current Limit vs Temperature
V
IN = 20V
20102329
20102347
V
FB vs Temperature
R
DSON vs Temperature
20102333
20102330
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com