Electronic Components Datasheet Search
  English  ▼

X  

LM2734 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2734 Datasheet HTML 14Page - National Semiconductor (TI) LM2734 Datasheet HTML 15Page - National Semiconductor (TI) LM2734 Datasheet HTML 16Page - National Semiconductor (TI) LM2734 Datasheet HTML 17Page - National Semiconductor (TI) LM2734 Datasheet HTML 18Page - National Semiconductor (TI) LM2734 Datasheet HTML 19Page - National Semiconductor (TI) LM2734 Datasheet HTML 20Page - National Semiconductor (TI) LM2734 Datasheet HTML 21Page - National Semiconductor (TI) LM2734 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LM2734Y Circuit Examples (Continued)
Bill of Materials for Figure 12
Part ID
Part Value
Part Number
Manufacturer
U1
1A Buck Regulator
LM2734Y
National Semiconductor
C1, Input Cap
10µF, 25V, X7R
C3225X7R1E106M
TDK
C2, Output Cap
22µF, 6.3V, X5R
C3216X5ROJ226M
TDK
C3, Boost Cap
0.01µF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.34V
F Schottky 1A, 30VR
SS1P3L
Vishay
D2, Boost Diode
0.6V
F @ 30mA Diode
BAT17
Vishay
L1
10µH, 1.6A,
SLF7032T-100M1R4
TDK
R1
31.6k
Ω, 1%
CRCW06033162F
Vishay
R2
10.0 k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
20102343
FIGURE 12. LM2734Y (550kHz)
V
BOOST Derived from VOUT
12V to 3.3V/1A
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com