Electronic Components Datasheet Search
  English  ▼

X  

NPIM_A Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM_A
Description  NPIM Shielded Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_A Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM_A Datasheet HTML 1Page - NIC-Components Corp. NPIM_A Datasheet HTML 2Page - NIC-Components Corp. NPIM_A Datasheet HTML 3Page - NIC-Components Corp. NPIM_A Datasheet HTML 4Page - NIC-Components Corp. NPIM_A Datasheet HTML 5Page - NIC-Components Corp. NPIM_A Datasheet HTML 6Page - NIC-Components Corp. NPIM_A Datasheet HTML 7Page - NIC-Components Corp. NPIM_A Datasheet HTML 8Page - NIC-Components Corp. NPIM_A Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__A Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 63A (6.5 x 6.0 x 3.0mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current Irms (Amps)1
DC Current
Isat (Amps)2
Test
Frequency
Condition A Condition B
NPIM63AR68MTRQYF
0.68
6.9
9.8
12.0
24.0
100KHz,
1Vrms
NPIM63A1R0MTRQYF
1.0
8.7
8.8
10.7
20.0
NPIM63AR68MTRQYF
IDC (Amps)
NPIM63A1R0MTRQYF
IDC (Amps)
NPIM63AR68MTRQYF
IDC (Amps)
NPIM63A1R0MTRQYF
IDC (Amps)
PWB condition A
PWB condition B
PWB condition A
PWB condition B
Note 1 - DC Current (Irms) is current which causes a maximum temperature rise of 40°C:
Condition A = 4-layer PWB (1.6t, FR4)
Condition B = PWB with high dissipation performance, heat radiation constant is approximately 44K/W measured for 6.5mm x 6.0mm x 3.0mm
case size.
Note 2 - DC Current (Isat) is current which causes a decrease in inductance of 30%.
Note 3 - Highest operating temperature should be within +150°C including temperature rise due to self-heating.
Inductance vs. DC Current
Temperature vs. DC Current
Inductance vs. DC Current
Temperature vs. DC Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com