Electronic Components Datasheet Search
  English  ▼

X  

NPIM_A Datasheet(PDF) 12 Page - NIC-Components Corp.

Part # NPIM_A
Description  NPIM Shielded Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_A Datasheet(HTML) 12 Page - NIC-Components Corp.

Back Button NPIM_A Datasheet HTML 4Page - NIC-Components Corp. NPIM_A Datasheet HTML 5Page - NIC-Components Corp. NPIM_A Datasheet HTML 6Page - NIC-Components Corp. NPIM_A Datasheet HTML 7Page - NIC-Components Corp. NPIM_A Datasheet HTML 8Page - NIC-Components Corp. NPIM_A Datasheet HTML 9Page - NIC-Components Corp. NPIM_A Datasheet HTML 10Page - NIC-Components Corp. NPIM_A Datasheet HTML 11Page - NIC-Components Corp. NPIM_A Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Series
Qty/Reel
NPIM63A
1,000
NPIM64A
500
NPIM75A
500
NPIM84A
500
NPIM85A
500
NPIM104A
500
NPIM105A
500
NPIM104A...L
500
63A ~ 85A = 17.5mm
104A, 105A ~ 104AL = 25.5mm
2.0mm
φ 13.0mm
φ 21.0mm
REEL QUANTITY
NPIM__A Series
NPIM Shielded Power Inductors
REFLOW SOLDERING PROFILE
Soldering 250°C max.
5 seconds max.
Cool Down
120 sec. max.
25
50
100
150
200
250
300
Pre-Heat
160°C ±10°C
Time above 230°C
40 seconds max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com