Electronic Components Datasheet Search
  English  ▼

X  

NPIM_L Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM_L
Description  NPIM Shielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_L Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM_L Datasheet HTML 1Page - NIC-Components Corp. NPIM_L Datasheet HTML 2Page - NIC-Components Corp. NPIM_L Datasheet HTML 3Page - NIC-Components Corp. NPIM_L Datasheet HTML 4Page - NIC-Components Corp. NPIM_L Datasheet HTML 5Page - NIC-Components Corp. NPIM_L Datasheet HTML 6Page - NIC-Components Corp. NPIM_L Datasheet HTML 7Page - NIC-Components Corp. NPIM_L Datasheet HTML 8Page - NIC-Components Corp. NPIM_L Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM Shielded Power Inductors
NPIM_L Series
Maximum +40°C temperature rise at IDC. Maximum -30% inductance drop from initial measured value at Isat.
NPIM20L Size
Series
Standard Values - Case Size 20 (2.5×2.0×1.0mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
IDC (Amps)
Max.
Typ.
Max.
Typ.
Max.
Typ.
NPIM20LR24MTRF
0.24 ± 20%
1MHz, 1V
0.031
0.0265
6.8
8.1
4.1
4.3
NPIM20LR33MTRF
0.33 ± 20%
0.036
0.03
6.1
7.3
3.6
4.1
NPIM20LR47MTRF
0.47 ± 20%
0.0445
0.037
5.5
6.6
3.1
3.6
NPIM20LR68MTRF
0.68 ± 20%
0.062
0.052
4.05
4.4
2.7
3.1
NPIM20L1R0MTRF
1.0 ± 20%
0.08
0.067
3.35
4.1
2.55
2.95
NPIM20L1R5MTRF
1.5 ± 20%
0.106
0.088
2.85
3.45
1.95
2.25
NPIM20L2R2MTRF
2.2 ± 20%
0.15
0.124
2.6
3.2
1.55
1.85
NPIM20L3R3MTRF
3.3 ± 20%
0.222
0.185
2.1
2.5
1.25
1.45
NPIM20L4R7MTRF
4.7 ± 20%
0.29
0.24
1.75
2.15
1.1
1.3
NPIM20L6R8MTRF
6.8 ± 20%
0.435
0.36
1.4
1.7
0.96
1.15
NPIM20L100MTRF
10 ± 20%
0.53
0.44
1.28
1.55
0.85
0.96
NPIM20LR24MTRF
NPIM20LR33MTRF
NPIM20LR47MTRF
NPIM20LR68MTRF
NPIM20L1R0MTRF
NPIM20L1R5MTRF
NPIM20L2R2MTRF
NPIM20L3R3MTRF
NPIM20L4R7MTRF
NPIM20L6R8MTRF
NPIM20L100MTRF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com