Electronic Components Datasheet Search
  English  ▼

X  

NPIM_L Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIM_L
Description  NPIM Shielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_L Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIM_L Datasheet HTML 1Page - NIC-Components Corp. NPIM_L Datasheet HTML 2Page - NIC-Components Corp. NPIM_L Datasheet HTML 3Page - NIC-Components Corp. NPIM_L Datasheet HTML 4Page - NIC-Components Corp. NPIM_L Datasheet HTML 5Page - NIC-Components Corp. NPIM_L Datasheet HTML 6Page - NIC-Components Corp. NPIM_L Datasheet HTML 7Page - NIC-Components Corp. NPIM_L Datasheet HTML 8Page - NIC-Components Corp. NPIM_L Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM Shielded Power Inductors
NPIM_L Series
Maximum +40°C temperature rise at IDC. Maximum -30% inductance drop from initial measured value at Isat.
NPIM31L Size
Series
Standard Values - Case Size 31 (3.0×3.0×1.0mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
IDC (Amps)
Max.
Typ.
Max.
Typ.
Max.
Typ.
NPIM31LR47MTRF
0.47 ± 20%
1MHz, 1V
0.038
0.031
5.7
6.7
3.6
4.1
NPIM31LR68MTRF
0.68 ± 20%
0.053
0.044
4.8
5.7
3.4
3.9
NPIM31L1R0MTRF
1.0 ± 20%
0.068
0.057
4.5
5.2
2.7
3.1
NPIM31L1R5MTRF
1.5 ± 20%
0.091
0.076
3.9
4.5
2.6
2.9
NPIM31L2R2MTRF
2.2 ± 20%
0.115
0.096
3.4
3.9
2.2
2.5
NPIM31L3R3MTRF
3.3 ± 20%
0.175
0.145
2.7
3.2
1.7
1.9
NPIM31L4R7MTRF
4.7 ± 20%
0.265
0.22
2.1
2.4
1.3
1.5
NPIM31L6R8MTRF
6.8 ± 20%
0.384
0.32
1.8
2.1
1.15
1.35
NPIM31L100MTRF
10 ± 20%
0.54
0.45
1.3
1.6
0.95
1.1
NPIM31LR47MTRF
NPIM31LR68MTRF
NPIM31L1R0MTRF
NPIM31L1R5MTRF
NPIM31L2R2MTRF
NPIM31L3R3MTRF
NPIM31L4R7MTRF
NPIM31L6R8MTRF
NPIM31L100MTRF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com