Electronic Components Datasheet Search
  English  ▼

X  

NGTD Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NGTD
Description  Surface Mount Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGTD Datasheet(HTML) 2 Page - NIC-Components Corp.

  NGTD Datasheet HTML 1Page - NIC-Components Corp. NGTD Datasheet HTML 2Page - NIC-Components Corp. NGTD Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NGTD Series
Surface Mount Gas Discharge Tube
Case Size
A
B
C
3020
1.5
9.6
5.0
LAND PATTERN DIMENSIONS (mm)
A
B
C
A
150°C ~ 200°C
60 ~ 180 sec.
260°C
10 sec. max.
Ramp up
3°C/sec. max.
217°C
60 ~ 150 sec.
Ramp down
3°C/sec. max.
25°C to 260°C
8 minutes max.
200°C
REFLOW SOLDERING PROFILE
NGTD3020M421TR5F
PTC
PTC
TSS
R
R
IC 485
A in
B in
NGTD RS485/232 Application



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com