Electronic Components Datasheet Search
  English  ▼

X  

NGTD Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NGTD
Description  Surface Mount Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGTD Datasheet(HTML) 1 Page - NIC-Components Corp.

  NGTD Datasheet HTML 1Page - NIC-Components Corp. NGTD Datasheet HTML 2Page - NIC-Components Corp. NGTD Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Gas Discharge Tube
NGTD Series
FEATURES
• THREE TERMINALS
• FAST RESPONSE, HIGH CURRENT (UP TO 5,000A @ 8/20mS)
• CASE SIZE 3020 (7.8MM X 5.0MM X 6.0MM)
• UL LISTED - ISOLATED LOOP CIRCUIT PROTECTORS-COMPONENTS
SPECIFICATIONS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials*
1. Parameters are based on ITU-T K.12
2. The V-T waveform of the DC Breakdown Voltage and Impulse Spark-over Voltage must lie between the shades areas (see graph below)
3. Total Impulse Discharge Current 5,000A @ 8/20μs by IEC 61000-4-5, 10 shots.
Contact NIC regarding availability of values not shown.
* 1 or 2
3 : 2.5KA
** 1 or 2
3 : 1KA
NIC
M091
L
W
H
F
T
t
7.8 ± 0.3 5.0 ± 0.2 6.0 ± 0.3 5.0 ± 0.2 1.6 ± 0.2 0.5 ± 0.2
DIMENSIONS (mm)
V max.
0.2V min.
Nominal
rate of rise
Nominal rate
of
rise
Limit
Limit
V
0
0 0.9T
1
T
1
1.1T
1
0.9T
2
T
2
1.1T
2
T
t
t
H
W
L
T
F
NGTD 3020
351 TR
F
RoHS Compliant
TR = Tape & Reel
Voltage Code: 421 = 42 x 101 = 420 Volts
Tolerance Code (M = ±20%, See Specifications Table)
Case Size Code (see dimensions table)
Series
PART NUMBERING SYSTEM
M
5
5 = 5KA Impulse Discharge Current
Type
Breakdown
Voltage 1, 2
(100V/S)
Breakdown
Voltage
Tolerance
(V)
Impulse
Spark-over
Voltage 1, 2
(1KV/ms)
Impulse
Discharge
Current 3
(8/20ms)
Insulation
Resistance
Cap.
(1MHz,
0.5VDC)
Arc
Voltage
1A
Application
Circuit
NGTD3020M091TR5F
90V
68 - 112
≤ 700V
5000A*
≥1GW
@ 50V
≤1.5pF
~ 8V
RS485
RS232
RS422
NGTD3020M231TR5F
230V
200 - 380
≤ 800V
5000A*
≥1GW @
100V
>15V
DC12V
AC24V
NGTD3020M421TR5F
420V
336 - 504
≤ 950V
5000A*
~ 8V
xDSL
NGTD3020M102TR5F
1000V
950 - 1500
≤ 1,800V
2000A**
~ 15V
xDSL
(NEBS)
1
2
3
1
2
3
1
2
3
1
2
3
UL Listing:
NIC COMPONENTS CORP
Isolated Loop Circuit Protectors - Component
RE: QVGQ2.E467518
Spark-over Test Waveform (ITU-T K.12)


Similar Part No. - NGTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2SWK ONSEMI-NGTD13R120F2SWK Datasheet
88Kb / 3P
Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2WP ONSEMI-NGTD13R120F2WP Datasheet
88Kb / 3P
Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
IGBT Die
March, 2016 ??Rev. 0
NGTD13T120F2SWK ONSEMI-NGTD13T120F2SWK Datasheet
92Kb / 3P
IGBT Die
March, 2016 ??Rev. 0
More results

Similar Description - NGTD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2054-23 BOURNS-2054-23 Datasheet
253Kb / 2P
Surface Mount Gas Discharge Tube Surge Protector
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
Surface Mount Gas Discharge Tube
NGTC NIC-NGTC Datasheet
303Kb / 3P
Surface Mount Gas Discharge Tube
NGTF NIC-NGTF Datasheet
322Kb / 3P
Surface Mount Gas Discharge Tube
NGTM NIC-NGTM Datasheet
341Kb / 3P
Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
SURFACE MOUNT GAS DISCHARGE TUBE
logo
Shanghai Leiditech Elec...
2R090-5S LEIDITECH-2R090-5S Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
logo
UN Semiconducctor INC
UN2E5-SMD UNSEMI-UN2E5-SMD Datasheet
2Mb / 5P
Surface Single Gas Discharge Tube
Revision March 1,2022
UN1812 UNSEMI-UN1812 Datasheet
2Mb / 5P
Surface Single Gas Discharge Tube
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com