Electronic Components Datasheet Search
  English  ▼

X  

LM7808 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM7808
Description  1.5A Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7808 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
LM78XX
Electrical Characteristics (LM7810)
(VI=17V, IO=500mA, 0°C ≤TJ≤125 °C, , unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25 °C
9.6
10
10.4
V
VI = 12.5V to 28V TJ = 25 °C
7
200
Line Regulation
∆VO
VI = 14V to 20V TJ = 25 °C
2
100
mV
IO = 5mA to 1.5A, 25 °C
12
200
Load Regulation
∆VO
IO = 250mA to 750mA, 25 °C
4
100
mV
Ripple Rejection
RR
VI = 13V to 23V, f=120Hz
55
71
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
70
µV
Dropout Voltage
VD
TJ = 25 °C
2.0
V
Quiescent Current
TJ = 25 °C
4.3
8
mA
VI = 12.5V to 28V, TJ = 25 °C
1.0
Quiescent Current
Change
∆IQ
IO = 5mA to 1A, TJ = 25 °C
0.5
mA
Electrical Characteristics (LM7812)
(VI=19V, IO=500mA, 0°C ≤TJ≤125 °C, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25 °C
11.50
12
12.5
V
VI = 14.5V to 30V TJ = 25 °C
10
240
Line Regulation
∆VO
VI = 16V to 22V TJ = 25 °C
3.0
120
mV
IO = 5mA to 1.5A, 25 °C
12
240
Load Regulation
∆VO
IO = 250mA to 750mA, 25 °C
4
120
mV
Ripple Rejection
RR
VI = 15V to 25V, f=120Hz
55
71
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
75
µV
Dropout Voltage
VD
TJ = 25 °C
2.0
V
Quiescent Current
TJ = 25 °C
4.3
8.0
mA
VI = 14.5V to 30V, TJ = 25 °C
1.0
Quiescent Current
Change
∆IQ
IO = 5mA to 1A, TJ = 25 °C
0.5
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com