Electronic Components Datasheet Search
  English  ▼

X  

LM7808 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LM7808
Description  1.5A Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7808 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
LM78XX
Electrical Characteristics (LM7824)
(VI=33V, IO=500mA, 0°C ≤TJ≤125 °C, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25 °C
23
24
25
V
VI = 27V to 38V TJ = 25 °C
18
480
Line Regulation
∆VO
VI = 30V to 36V TJ = 25 °C
6
240
mV
IO = 5mA to 1.5A, 25 °C
12
480
Load Regulation
∆VO
IO = 250mA to 750mA, 25 °C
4
240
mV
Ripple Rejection
RR
VI = 28V to 38V, f=120Hz
50
66
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
170
µV
Dropout Voltage
VD
TJ = 25 °C
2.0
V
Quiescent Current
TJ = 25 °C
4.6
8.0
mA
VI = 27V to 38V, TJ = 25 °C
1.0
Quiescent Current
Change
∆IQ
IO = 5mA to 1.0A, TJ = 25 °C
0.5
mA
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations,
computer simulations and/ or initial prototype evaluation.
Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are
subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit
design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any
industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different
applications. Customer’s technical experts must validate all operating parameters including “ Typical” for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY
Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical
implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without
the specific written consent of Bay Linear President.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com