Electronic Components Datasheet Search
  English  ▼

X  

LMX2433TM Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2433TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2433TM Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LMX2433TM Datasheet HTML 25Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 26Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 27Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 28Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 29Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 30Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
LMX243x Charge Pump Test Setup
20053588
The block diagram above illustrates the setup required to
measure the LMX243x device’s RF charge pump sink cur-
rent. The same setup is used for the LMX2430TM Evaluation
Board. The purpose of this test is to assess the functionality
of the RF charge pump. The IF charge pump is evaluated in
the same way.
This setup uses an open loop configuration. A power supply
is connected to Vcc. By means of a signal generator, a 10
MHz signal is typically applied to the FinRF pin. The signal is
one of two inputs to the phase/ frequency detector (PFD).
The 3 dB pad provides a 50
Ω match between the PLL and
the signal generator. The OSCin pin is tied to Vcc. This
establishes the other input to the PFD. Alternatively, this
input can be tied directly to the ground plane. The EN and
ENosc pins are also both tied to Vcc. A Semiconductor
Parameter Analyzer is connected to the CPoutRF pin and
used to measure the sink, source, and TRI-STATE leakage
currents.
Let F
r represent the frequency of the signal applied to the
OSCin pin, which is simply zero in this case (DC), and let F
p
represent the frequency of the signal applied to the FinRF
pin. The PFD is sensitive to the rising edges of F
r and Fp.
Assuming positive VCO characteristics (RF_CPP bit = 1);
the charge pump turns ON, and sinks current when the first
rising edge of F
p is detected. Since Fr has no rising edge, the
charge pump continues to sink current indefinitely. In order
to measure the RF charge pump source current, the
RF_CPP bit is simply set to 0 (negative VCO characteristics)
in CodeLoader. Similarly, in order to measure the TRI-STATE
leakage current, the RF_CPT bit is set to 1.
The measurements are typically taken over supply voltage
and temperature. The measurements are also typically taken
at the HIGH and LOW charge pump current gains. The
charge pump current gain can be controlled by the RF_CPG
bit in CodeLoader. Once the charge pump currents are
determined, the (i) charge pump output current magnitude
variation versus charge pump output voltage, (ii) charge
pump output sink current versus charge pump output source
current mismatch, and (iii) charge pump output current mag-
nitude versus tempeature, can be calculated. Refer to the
Charge Pump Current Specifications Definition for more
details.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com