Electronic Components Datasheet Search
  English  ▼

X  

LMX2433TM Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2433TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2433TM Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button LMX2433TM Datasheet HTML 40Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 41Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 42Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 43Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 44Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 45Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 46Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 47Page - National Semiconductor (TI) LMX2433TM Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
2.0 Programming Description (Continued)
2.7.3 IF_CPG - IF Synthesizer Charge Pump Current Gain (R3[19])
The IF_CPG bit controls the IF synthesizer’s charge pump gain. Two gain levels are available.
Control Bit
Register Location
Description
Function
01
IF_CPG
R3[19]
IF Charge Pump
Current Gain
LOW
1mA
HIGH
4mA
2.7.4 IF_CPT - IF Synthesizer Charge Pump TRI-STATE (R3[20])
The IF_CPT bit allows the charge pump to be switched between a normal operating mode and a high impedance output state.
This happens asynchronously with the change in the IF_CPT bit.
Furthermore, the IF_CPT bit operates in conjuction with the IF_PD bit to set a synchronous or an asynchronous powerdown
mode. Refer to Section 2.8.4 for more details on how to program the IF_PD bit.
Control Bit
Register Location
Description
Function
01
IF_CPT
R3[20]
IF Charge Pump
TRI-STATE
IF Charge Pump
Normal Operation
IF Charge Pump
Output in High
Impedance State
2.7.5 IF_RST - IF Synthesizer Counter Reset (R3[21])
The IF_RST bit resets of the IF_A, IF_B and IF_R counters. After removing the reset, the IF_A and IF_B counters resume
counting in close alignment with the IF_R counter. The maximum error is one prescaler cycle.
Control Bit
Register Location
Description
Function
01
IF_RST
R3[21]
IF Counter Reset
IF_A, IF_B and IF_R
Normal Operation
IF_A, IF_B and IF_R
Reset
2.8 R4 REGISTER
The R4 register contains the IF_A, IF_B, IF_P, and IF_PD control words. The IF_A and IF_B control words are used to setup the
programmable feedback divider. The detailed descriptions and programming information for each control word is discussed in the
following sections. R4[21] is always set to 0.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0] FIELD
ADDRESS
[2:0]
FIELD
R4
IF_
PD
IF_
P
0
IF_B[13:0]
IF_A[3:0]
1
0
0
2.8.1 IF_A[3:0] - IF Synthesizer Swallow Counter (A Counter) (R4[6:3])
The IF_A control word is used to setup the IF synthesizer’s A counter. The A counter is a 4-bit swallow counter used in the
programmable feedback divider. The IF_A control word can be programmed to values ranging from 0 to 15.
Divide Ratio
IF_A[3:0]
321
0
0
000
0
1
000
1
•
•••
•
15
111
1
www.national.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com