Electronic Components Datasheet Search
  English  ▼

X  

LT3461 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3461
Description  1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3461 Datasheet(HTML) 3 Page - Linear Technology

  LT3461 Datasheet HTML 1Page - Linear Technology LT3461 Datasheet HTML 2Page - Linear Technology LT3461 Datasheet HTML 3Page - Linear Technology LT3461 Datasheet HTML 4Page - Linear Technology LT3461 Datasheet HTML 5Page - Linear Technology LT3461 Datasheet HTML 6Page - Linear Technology LT3461 Datasheet HTML 7Page - Linear Technology LT3461 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT3461/LT3461A
3
3461af
TEMPERATURE (°C)
1.28
1.27
1.26
1.25
1.24
1.23
1.22
3461a G03
DUTY CYCLE (%)
10
90
80
60
40
20
3461a G02
30
50
70
480
360
240
120
0
3461a G06
TEMPERATURE (°C)
–60 –40
3.9
3.6
3.3
3.0
2.7
2.4
2.1
20
60
3461a G04
–20
0
40
80
100
SHDN PIN VOLTAGE (V)
1.3
1.9
2.3
3461a G05
1.5
1.7
2.1
480
420
360
300
240
180
120
60
0
TA = 25°C
TA = 25°C
SHDN PIN VOLTAGE (V)
0
16
48
12
320
280
240
200
160
120
80
40
0
TA = 25°C
–40
20
60
–20
0
40
80
100
TEMPERATURE (°C)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
3461a G01
–40
20
60
–20
0
40
80
100
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency (LT3461A)
Current Limit
FB Pin Voltage
Current Limit in Soft-Start Mode
VSW
5V/DIV
VOUT
50mV/DIV
0.2µs/DIV
3461a G08
ILOAD = 60mA
70mA
VOUT
100mV/DIV
50µs/DIV
3461a G09
ILOAD
35mA
Switching Waveform
Circuit of Figure 4
Load Transient Response
Circuit of Figure 4
SHDN Pin Current
Oscillator Frequency (LT3461)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com