Electronic Components Datasheet Search
  English  ▼

X  

MAX4747 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4747
Description  50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4747 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4747 Datasheet HTML 1Page - Maxim Integrated Products MAX4747 Datasheet HTML 2Page - Maxim Integrated Products MAX4747 Datasheet HTML 3Page - Maxim Integrated Products MAX4747 Datasheet HTML 4Page - Maxim Integrated Products MAX4747 Datasheet HTML 5Page - Maxim Integrated Products MAX4747 Datasheet HTML 6Page - Maxim Integrated Products MAX4747 Datasheet HTML 7Page - Maxim Integrated Products MAX4747 Datasheet HTML 8Page - Maxim Integrated Products MAX4747 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
50
Ω Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V ±10%, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3V, TA = +25°C.)
(Notes 3, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND)
V+ ...........................................................................-0.3V to +12V
IN_, COM_, NO_, NC_ (Note 1)....................-0.3V to (V+ + 0.3V)
Continuous Current (any pin) ...........................................±10mA
Peak Current (any pin, pulsed at 1ms, 10% duty cycle) ...±20mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 6.3mW/°C above +70°C) .........500mW
16-Bump UCSP (derate 8.3mW/°C above +70°C) ......659mW
16-Pin Thin QFN (derate 16.9mW/°C above +70°C) .....1349mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on IN_, NO_, NC_, or COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C
17
50
On-Resistance
RON
V+ = +2.7V, ICOM_ = 5mA,
VNO_ or VNC_ = +1.5V
TMIN to
TMAX
60
Ω
+25°C
0.2
3.5
On-Resistance Matching
Between Channels
(Notes 5, 6)
∆RON
V+ = +2.7V, ICOM_ = 5mA,
VNO_ or VNC_ = +1.5V
TMIN to
TMAX
4.5
Ω
+25°C
2.7
9
On-Resistance Flatness
(Note 7)
RFLAT(ON)
V+ = +2.7V, ICOM_ = 5mA,
VNO_ or VNC_ = +1V, +1.5V, +2V
TMIN to
TMAX
11
Ω
+25°C
-0.1
+0.1
NO_ or NC_ Off-Leakage Current
(Note 8)
INO_(OFF),
INC_(OFF)
V+ = +3.6V,
VCOM_ = +0.3V, +3V,
VNO_ or VNC_ = +3V, +0.3V
TMIN to
TMAX
-2
+2
nA
+25°C
-0.1
+0.1
COM_ Off-Leakage Current
(Note 8)
ICOM_(OFF)
V+ = +3.6V,
VCOM_ = +0.3V, +3V,
VNO_ or VNC_ = +3V, +0.3V
TMIN to
TMAX
-2
+2
nA
+25°C
-0.2
+0.2
COM_ On-Leakage Current
(Note 8)
ICOM_(ON)
V+ = +3.6V,
VCOM_ = +0.3V, +3.0V,
VNO_ or VNC_ = +0.3V, +3V, or
floating
TMIN to
TMAX
-4
+4
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com