Electronic Components Datasheet Search
  English  ▼

X  

MAX4747 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4747
Description  50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4747 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4747 Datasheet HTML 1Page - Maxim Integrated Products MAX4747 Datasheet HTML 2Page - Maxim Integrated Products MAX4747 Datasheet HTML 3Page - Maxim Integrated Products MAX4747 Datasheet HTML 4Page - Maxim Integrated Products MAX4747 Datasheet HTML 5Page - Maxim Integrated Products MAX4747 Datasheet HTML 6Page - Maxim Integrated Products MAX4747 Datasheet HTML 7Page - Maxim Integrated Products MAX4747 Datasheet HTML 8Page - Maxim Integrated Products MAX4747 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
50
Ω Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +3V ±10%, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3V, TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DYNAMIC
+25°C
57
150
Turn-On Time
tON
VNO_ or VNC_ = +1.5V,
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
170
ns
+25°C
24
60
Turn-Off Time
tOFF
VNO_ or VNC_ = +1.5V,
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
70
ns
+25°C
33
Break-Before-Make
(MAX4749/MAX4750 Only)
(Note 8)
tBBM
VNO_ or VNC_ = +1.5V,
RL = 300
Ω, CL = 35pF, Figure 3
TMIN to
TMAX
1
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0, CL = 1.0nF,
Figure 4
+25°C
7pC
On-Channel -3dB Bandwidth
BW
Signal = 0dBm, 50
Ω in and out
+25°C
250
MHz
Off-Isolation (Note 9)
VISO
f = 1MHz, VNO_ = 1VRMS,
RL = 50
Ω, CL = 5pF, Figure 5
+25°C
-72
dB
Crosstalk (Note 10)
VCT
f = 1MHz, VNO_ = 1VRMS,
RL = 50
Ω, CL = 5pF, Figure 6
+25°C
84
dB
NO_ or NC_ Off-Capacitance
COFF
f = 1MHz, Figure 7
+25°C
20
pF
COM_ Off-Capacitance
CCOM_(OFF) f = 1MHz, Figure 7
+25°C
20
pF
COM_ On-Capacitance
CCOM_(ON) f = 1MHz, Figure 7
+25°C
40
pF
LOGIC INPUT
Input Logic High
VIH
1.4
V
Input Logic Low
VIL
0.8
V
Input Leakage Current
IIN
VIN_ = 0V or V+
-1
+0.005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
2
11
V
Positive Supply Current
I+
V+ = +5.5V, VIN_ = 0V or V+,
all switches on or off
0.0001
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com