Electronic Components Datasheet Search
  English  ▼

X  

MAX8540 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8540
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8540 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8540 Datasheet HTML 8Page - Maxim Integrated Products MAX8540 Datasheet HTML 9Page - Maxim Integrated Products MAX8540 Datasheet HTML 10Page - Maxim Integrated Products MAX8540 Datasheet HTML 11Page - Maxim Integrated Products MAX8540 Datasheet HTML 12Page - Maxim Integrated Products MAX8540 Datasheet HTML 13Page - Maxim Integrated Products MAX8540 Datasheet HTML 14Page - Maxim Integrated Products MAX8540 Datasheet HTML 15Page - Maxim Integrated Products MAX8540 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
______________________________________________________________________________________
13
TEMP OK
VCC
8V
3.02V
OV
UV
EN
1.25V
1.2V
SKTOFF
SKTON
CLK
SHORT-CIRCUIT
TIMER
ENABLE
SS_RESET
ENABLE
5V
REFERENCE
DRIVE LOGIC
CS
SLOPE
COMPENSATION
VCC UVLO
COMPARATOR
OVERVOLTAGE
COMPARATOR
UNDERVOLTAGE
COMPARATOR
CS
ILIM
SS
SS_RESET
5
µA
OSC
DECODER RAMP
REF
FREQ/SYNC
MAX
TON
CLK
80% MAX
PWM
COMPARATOR
MAXDTY
GND
OPTO
SCOMP
DRV
REF
VCC
MAX8540
Functional Diagrams
Figure 2. MAX8540 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com