Electronic Components Datasheet Search
  English  ▼

X  

MAX8540 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8540
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8540 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8540 Datasheet HTML 2Page - Maxim Integrated Products MAX8540 Datasheet HTML 3Page - Maxim Integrated Products MAX8540 Datasheet HTML 4Page - Maxim Integrated Products MAX8540 Datasheet HTML 5Page - Maxim Integrated Products MAX8540 Datasheet HTML 6Page - Maxim Integrated Products MAX8540 Datasheet HTML 7Page - Maxim Integrated Products MAX8540 Datasheet HTML 8Page - Maxim Integrated Products MAX8540 Datasheet HTML 9Page - Maxim Integrated Products MAX8540 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 12V, TA = +25°C, unless otherwise specified.)
VCC NO-LOAD SWITCHING CURRENT
vs. TEMPERATURE
TA (
°C)
80
60
20
40
0
-20
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
4.0
-40
100
VEN = 0
SHUTDOWN VCC CURRENT
vs. TEMPERATURE
TA (
°C)
80
60
20
40
0
-20
420
440
460
480
500
520
540
560
580
600
400
-40
100
VEN = 5V
REFERENCE VOLTAGE
vs. TEMPERATURE
TA (
°C)
80
60
40
20
0
-20
4.95
5.00
5.05
5.10
4.90
-40
100
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TA (
°C)
80
60
-20
0
20
40
55
60
65
70
75
80
85
90
50
-40
100
RFREQ = 36.5k
Ω
RFREQ = NONE
FREQUENCY
vs. TEMPERATURE
TA (
°C)
80
60
-20
0
20
40
200
400
600
800
1000
0
-40
100
RFREQ = 10k
Ω
RFREQ = 20k
Ω
RFREQ = 50k
Ω
CURRENT-SENSE THRESHOLD
vs. TEMPERATURE
TA (
°C)
105
110
115
120
125
130
100
80
60
-20
0
20
40
-40
100
CURRENT-LIMIT DELAY TIME
vs. TEMPERATURE
TA (
°C)
80
60
20
40
0
-20
110
120
130
140
150
160
170
180
190
200
100
-40
100
OV/UV THRESHOLD VOLTAGE
vs. TEMPERATURE
TA (
°C)
80
60
-20
0
20
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
-40
100
VUV
VOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com