Electronic Components Datasheet Search
  English  ▼

X  

MAX9020 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9020
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9020 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9020 Datasheet HTML 1Page - Maxim Integrated Products MAX9020 Datasheet HTML 2Page - Maxim Integrated Products MAX9020 Datasheet HTML 3Page - Maxim Integrated Products MAX9020 Datasheet HTML 4Page - Maxim Integrated Products MAX9020 Datasheet HTML 5Page - Maxim Integrated Products MAX9020 Datasheet HTML 6Page - Maxim Integrated Products MAX9020 Datasheet HTML 7Page - Maxim Integrated Products MAX9020 Datasheet HTML 8Page - Maxim Integrated Products MAX9020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX9015–MAX9018 (Single and Duals with REF)
(continued)
(VCC= 5V, VEE = 0V, VIN- = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage Current
(MAX9016A/MAX9018_)
ILEAK
VCC = 5.5V, VOUT = 5.5V
0.001
1
µA
VCC = 1.8V
3
Sourcing, VOUT =
VEE (MAX9015A/
MAX9017_ only)
VCC = 5.0V
35
VCC = 1.8V
3
Output Short-Circuit Current
ISC
Sinking,
VOUT = VCC
VCC = 5.0V
33
mA
VCC = 1.8V
7
High-to-Low Propagation
Delay (Note 4)
tPD-
VCC = 5.0V
6
µs
MAX9015A/MAX9017_
11
VCC = 1.8V
MAX9016A/MAX9018_,
RPULLUP = 100k
Ω to VCC
12
MAX9015A/MAX9017_
28
Low-to-High Propagation
Delay (Note 4)
tPD+
VCC = 5.0V
MAX9016A/MAX9018_,
RPULLUP = 100k
Ω to VCC
31
µs
Rise Time
tRISE
CL = 15pF (MAX9015A/MAX9017_)
1.6
µs
Fall Time
tFALL
CL = 15pF
0.2
µs
Power-Up Time
tON
1.2
ms
TA = +25°C, 1.0%
1.224
1.236
1.248
MAX901_A
TA = TMIN to TMAX, 2.5%
1.205
1.267
TA = +25°C, 1.75%
1.218
1.240
1.262
Reference Voltage
VREF
MAX901_B
TA = TMIN to TMAX, 4.5%
1.184
1.296
V
Reference Voltage
Temperature Coefficient
TCREF
40
ppm/°C
BW = 10Hz to 1kHz, CREF = 1nF
29
Reference Output Voltage
Noise
EN
BW = 10Hz to 6kHz, CREF = 1nF
60
µVRMS
Reference Line Regulation
∆VREF/
∆VCC
1.8V
≤ VCC ≤ 5.5V
0.5
mV/V
Reference Load Regulation
∆VREF/
∆IOUT
IOUT = 0 to 100nA
0.03
mV/nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com