Electronic Components Datasheet Search
  English  ▼

X  

MAX9020 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9020
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9020 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9020 Datasheet HTML 1Page - Maxim Integrated Products MAX9020 Datasheet HTML 2Page - Maxim Integrated Products MAX9020 Datasheet HTML 3Page - Maxim Integrated Products MAX9020 Datasheet HTML 4Page - Maxim Integrated Products MAX9020 Datasheet HTML 5Page - Maxim Integrated Products MAX9020 Datasheet HTML 6Page - Maxim Integrated Products MAX9020 Datasheet HTML 7Page - Maxim Integrated Products MAX9020 Datasheet HTML 8Page - Maxim Integrated Products MAX9020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
_______________________________________________________________________________________
5
Note 1: All devices are 100% tested at TA = +25°C. Specifications over temperature (TA = TMIN to TMAX) are guaranteed by design,
not production tested.
Note 2: VOS is defined as the center of the hysteresis band at the input.
Note 3: The hysteresis-related trip points are defined as the edges of the hysteresis band, measured with respect to the center of
the band (i.e., VOS) (Figure 1).
Note 4: Specified with an input overdrive (VOVERDRIVE) of 100mV, and a load capacitance of CL = 15pF. VOVERDRIVE is defined
above and beyond the offset voltage and hysteresis of the comparator input.
ELECTRICAL CHARACTERISTICS—MAX9019/MAX9020 (Duals without REF) (continued)
(VCC = 5V, VEE = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
tRISE
CL = 15pF (MAX9019 only)
1.6
µs
Fall Time
tFALL
CL = 15pF
0.2
µs
Power-Up Time
tON
1.2
ms
Typical Operating Characteristics
(VCC = 5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)
0.4
0.6
0.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
MAX9015/MAX9016
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1.5
2.5
2.0
3.0
4.0
3.5
4.5
5.0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.8
1.0
0.9
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
MAX9017/MAX9018
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1.5
2.5
2.0
3.0
4.0
3.5
4.5
5.0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.4
0.6
0.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
MAX9019/MAX9020
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1.5
2.5
2.0
3.0
4.0
3.5
4.5
5.0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.4
0.6
0.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
MAX9015/MAX9016
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
VCC = 3V
VCC = 1.8V
VCC = 5V
0.8
1.0
0.9
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
MAX9017/MAX9018
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
VCC = 3V
VCC = 1.8V
VCC = 5V
0.4
0.6
0.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
MAX9019/MAX9020
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
VCC = 3V
VCC = 1.8V
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com