Electronic Components Datasheet Search
  English  ▼

X  

2201537 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2201537
Description  Electronic housing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201537 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  2201537 Datasheet HTML 1Page - PHOENIX CONTACT 2201537 Datasheet HTML 2Page - PHOENIX CONTACT 2201537 Datasheet HTML 3Page - PHOENIX CONTACT 2201537 Datasheet HTML 4Page - PHOENIX CONTACT 2201537 Datasheet HTML 5Page - PHOENIX CONTACT 2201537 Datasheet HTML 6Page - PHOENIX CONTACT 2201537 Datasheet HTML 7Page - PHOENIX CONTACT 2201537 Datasheet HTML 8Page - PHOENIX CONTACT 2201537 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/us/products/2201537
08/29/2016   Page 7 / 9
Electronic housing - ME MAX 17,5 G 3-U1 KMGY - 2201537
Accessories
Printed-circuit board connector - MKDSO 1,5/ 4-R-3,5 KMGY - 2278429
PCB terminal block, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.5 mm, Number of positions: 4, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB connection direction: 0 °,
Article with lateral pin exit
 
 
PCB terminal block - MKDSO 2,5/ 3-L KMGY - 2854102
PCB terminal block, Nominal current: 24 A, Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 3, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB connection direction: 0 °,
Article with lateral pin exit
 
 
PCB terminal block - MKDSO 2,5/ 3-R KMGY - 2854092
PCB terminal block, Nominal current: 24 A, Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 3, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB connection direction: 0 °,
Article with lateral pin exit
 
 
PCB terminal block - MKDSO 2,5 HV/ 2L-7,5 KMGY - 2199676
PCB terminal block, Nominal current: 24 A, Nom. voltage: 630 V, Pitch: 7.5 mm, Number of positions: 2, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Article with lateral pin exit
 
 
PCB terminal block - MKDSO 2,5 HV/ 2R-7,5 KMGY - 2199773
PCB terminal block, Nominal current: 24 A, Nom. voltage: 630 V, Pitch: 7.5 mm, Number of positions: 2, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Article with lateral pin exit
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com