Electronic Components Datasheet Search
  English  ▼

X  

2201537 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201537
Description  Electronic housing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201537 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201537 Datasheet HTML 1Page - PHOENIX CONTACT 2201537 Datasheet HTML 2Page - PHOENIX CONTACT 2201537 Datasheet HTML 3Page - PHOENIX CONTACT 2201537 Datasheet HTML 4Page - PHOENIX CONTACT 2201537 Datasheet HTML 5Page - PHOENIX CONTACT 2201537 Datasheet HTML 6Page - PHOENIX CONTACT 2201537 Datasheet HTML 7Page - PHOENIX CONTACT 2201537 Datasheet HTML 8Page - PHOENIX CONTACT 2201537 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/products/2201537
08/29/2016   Page 1 / 9
Electronic housing - ME MAX 17,5 G 3-U1 KMGY - 2201537
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Complete housing without vents, Cross connection: DIN rail bus connector, Color: light gray, Width: 17.5 mm,
Constructional height: 114.5 mm, Number of positions cross connector: 5
Why buy this product
 Item is from the ME-MAX product range
 Easy mounting
 Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional with bus connector for DIN rail mounting as well as power connection system
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
100 STK
Weight per Piece (excluding packing)
62.000 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Housing type
Complete housing
Housing material
Polyamide
Color
light gray
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Dimensions
Length
99 mm
Constructional height
114.5 mm


Similar Part No. - 2201537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201539 PHOENIX-2201539 Datasheet
1Mb / 9P
ME MAX 22,5 G 3-U1 KMGY - Electronics housing
More results

Similar Description - 2201537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200245 PHOENIX-2200245 Datasheet
46Kb / 2P
Electronic housing
2200246 PHOENIX-2200246 Datasheet
48Kb / 3P
Electronic housing
2200596 PHOENIX-2200596 Datasheet
102Kb / 8P
Electronic housing
2200713 PHOENIX-2200713 Datasheet
52Kb / 3P
Electronic housing
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
Components of electronic housing
2890603 PHOENIX-2890603 Datasheet
60Kb / 2P
Electronic housing
2906908 PHOENIX-2906908 Datasheet
64Kb / 3P
Electronic housing - ME LP
2946010 PHOENIX-2946010 Datasheet
58Kb / 2P
Electronic housing - P 1-EMG125
2790389 PHOENIX-2790389 Datasheet
52Kb / 2P
Electronic housing - UEG-MT-FS
12/16/2018
2941510 PHOENIX-2941510 Datasheet
48Kb / 1P
Electronic housing - EMG-KA
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com