Electronic Components Datasheet Search
  English  ▼

X  

AN021 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AN021
Description  Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN021 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AN021 Datasheet HTML 1Page - Analog Intergrations Corporation AN021 Datasheet HTML 2Page - Analog Intergrations Corporation AN021 Datasheet HTML 3Page - Analog Intergrations Corporation AN021 Datasheet HTML 4Page - Analog Intergrations Corporation AN021 Datasheet HTML 5Page - Analog Intergrations Corporation AN021 Datasheet HTML 6Page - Analog Intergrations Corporation AN021 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN021
October, 2001
1
A Handy Method to Obtain Satisfactory Response of
Buck Converter
Introduction
The focus of this application note is to help users to
select a good set of components of the compensation
section of the Buck converter. Traditionally, engineers
first concern about the power circuit for a circuit design.
After meeting the power requirement, what follows is
control loop design. The first priority of control design is
the stability. And after that, the choice of components
can substantially effect the transient response. Here
shows a simple method to obtain a satisfactory
transient response with an acceptable steady state
error.
Analysis:
Fig.1 shows the unity feedback system for Buck
converter. We first
identify transfer functions for each
of the corresponding block.
As to the modeling of the low-frequency behavior of
power switches in square-wave power converters,
please refer to appendix [1]. The circuit of Buck
converter is shown in Fig.2 and the model of its power
switches is shown in Fig.3. Please note that the circuit
in Fig.3 is linear. Fig.4 shows the circuit for small signal
analysis.
Gc(s)
PWM
Gp(s)
dVOUT(s)
dVOUT(s)=0
+
_
dVc(s)
dD(s)
Fig.1 The Unity Feedback Control Loop for Buck Converter
+
R1
R2
VOUT
VIN
Fig. 2
Buck Converter


Similar Part No. - AN021

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
SEPIC Circuit
AN022 AIC-AN022 Datasheet
396Kb / 8P
High Side Driver for Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
An Useful Model for Charge Pump Converter
AN024 AIC-AN024 Datasheet
285Kb / 7P
For LCD Motherboard Power Supply Using AIC1563
AN025 AIC-AN025 Datasheet
272Kb / 6P
Analysis of LDO oscillation issues
More results

Similar Description - AN021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16956 MAXIM-MAX16956 Datasheet
1Mb / 16P
Mini Buck Converter
Rev 2; 3/14
logo
Global Mixed-mode Techn...
G5644 GMT-G5644 Datasheet
161Kb / 1P
2.5A Buck Converter
G5642 GMT-G5642 Datasheet
75Kb / 1P
3A Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9G401EFJ-M ROHM-BD9G401EFJ-M Datasheet
1Mb / 32P
1ch Buck Converter
logo
Bookly Micro electronic
BM0150HV BOOKLY-BM0150HV Datasheet
954Kb / 7P
60V Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM9801 HMSEMI-HM9801 Datasheet
1Mb / 7P
60V Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com