Electronic Components Datasheet Search
  English  ▼

X  

AN024 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AN024
Description  For LCD Motherboard Power Supply Using AIC1563
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN024 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AN024 Datasheet HTML 1Page - Analog Intergrations Corporation AN024 Datasheet HTML 2Page - Analog Intergrations Corporation AN024 Datasheet HTML 3Page - Analog Intergrations Corporation AN024 Datasheet HTML 4Page - Analog Intergrations Corporation AN024 Datasheet HTML 5Page - Analog Intergrations Corporation AN024 Datasheet HTML 6Page - Analog Intergrations Corporation AN024 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN024
DC
1
DE
2
CF
3
GND
4
FB
5
VCC
6
IS
7
BOOST
8
AIC1563
+
C3
470
µF
+
C1
470
µF
R1
0.1
R3
3K
R4
1k
C2
360pF
L1
47
µH
D2
1N5820
Q2
GF4435
5VOUT/1A
8~12VIN
VOUT
VIN
GND
R2
2.2K
VOUT
2
VIN
3
GND
1
AIC1084-33CM
U3
AIC431
+
C4
470
µF/6.3V
3.3VOUT/1A
R5 1.2k
R6
3.9k
2.5VOUT/1A
+
C5
470
µF/6.3V
N1
3.3VOUT/1A
N14
N12
GND
N11
GND
Q3
GF4410
D3
1N5401
D4
1N5401
D1
LL4148
Q1
MMBT2222A
Fig. 2 The application circuit for the motherboard of LCD
Q
R
S
BOOST
IS
VCC
FB
GND
CF
DC
DE
8
7
6
5
4
3
2
1
Q1
Oscillator
Is
CT
Comparator
-
+
1.25V
Reference
Voltage
Q2
80
Fig. 3 The block diagram of AIC1563.
Components Selection
(1). Current Limit Resistor (R1) Selection
The current limit resistor can be calculated by
following formula:
R1=0.3/ILIMIT
(1)
Since we need a 3A loading at least, the current
limit resistor should be R1=0.3/3A=0.1
Ω.
(2). Oscillator Timing Capacitor (CT) Selection
During the MOSFET turns on, the energy stores
in inductor should be (VIN-VOUT-VQ2,ON)*Ton,
where VQ2,on (0.475V) is the dropout voltage at
MOSFET (Q2) turns on. Similarly, during the
MOSFET turns off, the energy stores in inductor
should be (VOUT+VD2)*TOFF, where VD2 (0.75V) is
the forward voltage of the free-wheel diode D2.
According to the law of the conservation of
magnetic flux, the energy stored in inductor
should be the same at MOSFET turns on and off.
Therefore the relationship can be written as
(VIN- VOUT-VQ1,ON)*TON= (VOUT +VD2)*TOFF
(2)
and the duty cycle is
%
49
.
69
V
V
V
V
V
T
T
DUTY
2
D
ON
,
2
Q
IN
2
D
OUT
ON
=
+
−
+
=
=
(3)
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com