Electronic Components Datasheet Search
  English  ▼

X  

AN024 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AN024
Description  For LCD Motherboard Power Supply Using AIC1563
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN024 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AN024 Datasheet HTML 1Page - Analog Intergrations Corporation AN024 Datasheet HTML 2Page - Analog Intergrations Corporation AN024 Datasheet HTML 3Page - Analog Intergrations Corporation AN024 Datasheet HTML 4Page - Analog Intergrations Corporation AN024 Datasheet HTML 5Page - Analog Intergrations Corporation AN024 Datasheet HTML 6Page - Analog Intergrations Corporation AN024 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN024
February, 2002
For LCD Motherboard Power Supply Using AIC1563
Introduction
The newest technology of monitor is Flat-Panel Display
(FPD). In FPD field, the widest and most grow up
application is Liquid Crystal Display (LCD). It has many
advantages, such as: light weight, less space, low
voltage operating and power saving. They are very
attractive. Certainly, on the brightness, contrast and the
activity transient despondence of display, they can’t
compare with Cathode Ray Tube (CRT) monitor.
Fig. 1 shows the structure of LCD monitor (LCDM),
there are three main parts in it: motherboard, panel
and inverter. For normal working, LCD monitor needs a
good power management to get in. This application
note focus on the power design for the motherboard of
LCD. It needs 5V; 3.3V and 2.5V output voltage, which
depend on vender’s desire. This application note will
discuss the steps of design.
‘
ADC
TMDS
Deccoder
Scaler
RGB
DVI
Video
MCU
EEPROM
OSD
PLL
Key Pads
Adaptor
LCD MB Power
LCD Panel Power
Inverter
LCD Panel
Source Driver
Fig.1 LCD structure
1


Similar Part No. - AN024

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
SEPIC Circuit
AN021 AIC-AN021 Datasheet
340Kb / 7P
Buck Converter
AN022 AIC-AN022 Datasheet
396Kb / 8P
High Side Driver for Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
An Useful Model for Charge Pump Converter
AN025 AIC-AN025 Datasheet
272Kb / 6P
Analysis of LDO oscillation issues
More results

Similar Description - AN024

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5311 ROHM-BP5311 Datasheet
64Kb / 4P
Power supply unit for LCD drives
BP5313 ROHM-BP5313 Datasheet
48Kb / 4P
Power supply unit for LCD drives
logo
NEC
UPD161660 NEC-UPD161660 Datasheet
94Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
UPD161661 NEC-UPD161661 Datasheet
441Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
logo
Toshiba Semiconductor
JBT6K49-AS TOSHIBA-JBT6K49-AS Datasheet
186Kb / 14P
Power supply IC for TFT LCD Panels
logo
MORNSUN Science& Techno...
ADP MORNSUN-ADP Datasheet
196Kb / 2P
ADP Series Special for LCD Power supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
logo
Analog Intergrations Co...
AN004 AIC-AN004 Datasheet
110Kb / 7P
Using AIC1563
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com