Electronic Components Datasheet Search
  English  ▼

X  

DS96F173C Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F173C
Description  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173C Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS96F173C Datasheet HTML 1Page - National Semiconductor (TI) DS96F173C Datasheet HTML 2Page - National Semiconductor (TI) DS96F173C Datasheet HTML 3Page - National Semiconductor (TI) DS96F173C Datasheet HTML 4Page - National Semiconductor (TI) DS96F173C Datasheet HTML 5Page - National Semiconductor (TI) DS96F173C Datasheet HTML 6Page - National Semiconductor (TI) DS96F173C Datasheet HTML 7Page - National Semiconductor (TI) DS96F173C Datasheet HTML 8Page - National Semiconductor (TI) DS96F173C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Switching Characteristics (Continued)
V
CC = 5.0V
Symbol
Parameter
Conditions
T
A = 25˚C
T
A = −55˚C
T
A =
125˚C
Units
Typ
Max
Max
Max
t
ZL
Output Enable Time to Low
Level
C
L =15pF, Figure 3
13
18
27
27
ns
t
HZ
Output Disable Time from High
Level
C
L = 5.0 pF, Figure 2(Note 15)
14
20
27
27
ns
C
L =20pF, Figure 2(Note 15)
14
30
37
37
ns
t
LZ
Output Disable Time from Low
Level
C
L = 5.0 pF, Figure 3
14
18
30
30
ns
|t
PLH–tPHL|
Pulse Width Distortion (SKEW)
Figure 1
1
3
5.0
5.0
ns
SMD Number:
DS96F173MJ
5962-9076602 MEA
DS96F173MW
5962-9076602 MFA
DS96F173ME
5962-9076602 M2A
DS96F175MJ
5962-9076601 MEA
DS96F175MW
5962-9076601 MFA
DS96F175ME
5962-9076601 M2A
Order Number:
883 Marking
SMD Marking
DS96F173MJ/883
DS96F173MJ-SMD
DS96F175MJ/883
DS96F175MJ-SMD
See NS Package Number
J16A
DS96F173ME/883
DS96F173ME-SMD
DS96F175ME/883
DS96F175ME-SMD
See NS Package Number
E20A
DS96F173MW/883
DS96F173MW-SMD
DS96F175MW/883
DS96F175MW-SMD
See NS Package Number
W16A
For complete Military Product Specifications, refer
to the appropriate SMD or MDS.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com