Electronic Components Datasheet Search
  English  ▼

X  

DS96F173C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F173C
Description  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS96F173C Datasheet HTML 1Page - National Semiconductor (TI) DS96F173C Datasheet HTML 2Page - National Semiconductor (TI) DS96F173C Datasheet HTML 3Page - National Semiconductor (TI) DS96F173C Datasheet HTML 4Page - National Semiconductor (TI) DS96F173C Datasheet HTML 5Page - National Semiconductor (TI) DS96F173C Datasheet HTML 6Page - National Semiconductor (TI) DS96F173C Datasheet HTML 7Page - National Semiconductor (TI) DS96F173C Datasheet HTML 8Page - National Semiconductor (TI) DS96F173C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
COMMERCIAL
Absolute Maximum Ratings (Note 2)
Specifications for the 883 version of this product are
listed separately.
Storage Temperature Range (T
STG)
−65˚C to +175˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Max. Package Power Dissipation (Note 1) at 25˚C
Ceramic DIP (J)
1500 mW
Supply Voltage
7.0V
Input Voltage, A or B Inputs
±25V
Differential Input Voltage
±25V
Enable Input Voltage
7.0V
Low Level Output Current
50 mA
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
DS96F173C/DS96F175C
4.75
5.0
5.25
V
Common Mode Input
Voltage (V
CM)
−7
+12
V
Differential Input Voltage
(V
ID)
|12|
V
Output Current HIGH (I
OH)
−400
µA
Output Current LOW (I
OL)11
mA
Operating Temperature (T
A)
DS96F173C/DS96F175C
0
25
70
˚C
Note 1: Derate package 10 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Differential-Input
V
O =VOH
0.2
V
High Threshold Voltage
V
TL
Differential-Input (Note 5)
V
O =VOL
−0.2
V
Low Threshold Voltage
V
TH −VTL
Hysteresis (Note 6)
V
CM =0V
50
mV
V
IH
Enable Input Voltage HIGH
2.0
V
V
IL
Enable Input Voltage LOW
0.8
V
V
IC
Enable Input Clamp Voltage
I
I = −18 mA
−1.5
V
V
OH
Output Voltage HIGH
V
ID = 200 mV
0˚C to +70˚C
2.8
V
I
OH = −400 µA
−55˚C to +125˚C
2.5
V
OL
Output Voltage LOW
V
ID = −200 mV
I
OL = 8.0 mA
0.45
V
I
OL = 11 mA
0.50
I
OZ
High-Impedance State Output
V
O = 0.4V to 2.4V
±20
µA
I
I
Line Input Current (Note 7)
Other Input = 0V
V
I = 12V
1.0
mA
V
I = −7.0V
−0.8
I
IH
Enable Input Current HIGH
V
IH = 2.7V
20
µA
I
IL
Enable Input Current LOW
V
IL = 0.4V
−100
µA
R
I
Input Resistance
14
18
22
k
Ω
I
OS
Short Circuit Output Current
(Note 8)
−15
−85
mA
I
CC
Supply Current
No Load
Outputs Enabled
50
mA
I
CCX
Outputs Disabled
50
COMMERCIAL
Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay Time,
V
ID = −2.5V to +2.5V,
5.0
15
22
ns
Low to High Level Output
C
L =15pF, Figure 1
t
PHL
Propagation Delay Time,
V
CM = 0V
5.0
15
22
ns
High to Low Level Output
t
ZH
Output Enable Time to High Level
C
L =15pF, Figure 2
12
16
ns
t
ZL
Output Enable Time to Low Level
C
L =15pF, Figure 3
13
18
ns
t
HZ
Output Disable Time from High Level
C
L = 5.0 pF, Figure 2
14
20
ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com