Electronic Components Datasheet Search
  English  ▼

X  

2869430 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2869430
Description  Electronic housing - ME 12,5 UT KMGY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2869430 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2869430 Datasheet HTML 1Page - PHOENIX CONTACT 2869430 Datasheet HTML 2Page - PHOENIX CONTACT 2869430 Datasheet HTML 3Page - PHOENIX CONTACT 2869430 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2869430
09/02/2016   Page 1 / 4
Electronic housing - ME 12,5 UT KMGY - 2869430
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Component housing with vents, Lower part, Cross connection: without bus connector, Color: light gray,
Width: 12.5 mm, Constructional height: 114.5 mm, Number of positions cross connector: not relevant
Why buy this product
 Item is from the ME product range
 Tool-free mounting
 Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional bus connector that is either integrated or mounted on the DIN rail
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Weight per Piece (excluding packing)
38.000 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color
light gray
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)


Similar Part No. - 2869430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869427 PHOENIX-2869427 Datasheet
104Kb / 7P
Lower part of housing, fully assembled, with metal foot catch.
2869469 PHOENIX-2869469 Datasheet
294Kb / 8P
ME 12,5 OT-MSTBO BU - Upper housing part
More results

Similar Description - 2869430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2907198 PHOENIX-2907198 Datasheet
56Kb / 2P
Electronic housing - ME 35 UT GN
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com