Electronic Components Datasheet Search
  English  ▼

X  

2869430 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2869430
Description  Electronic housing - ME 12,5 UT KMGY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2869430 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2869430 Datasheet HTML 1Page - PHOENIX CONTACT 2869430 Datasheet HTML 2Page - PHOENIX CONTACT 2869430 Datasheet HTML 3Page - PHOENIX CONTACT 2869430 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/2869430
09/02/2016   Page 3 / 4
Electronic housing - ME 12,5 UT KMGY - 2869430
Approvals
Approvals
Approvals
UL Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm FILE E 240868
Accessories
Accessories
Mounting material
Electronic housing - ME LPZS - 2906911
Component housing
 
 
Necessary add-on products
Electronic housing - ME 12,5 OT-MKDSO KMGY - 2200713
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com