Electronic Components Datasheet Search
  English  ▼

X  

NJD2873 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NJD2873
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NJD2873 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NJD2873 Datasheet HTML 1Page - Inchange Semiconductor Company Limited NJD2873 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
NJD2873
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V (SUS)CEO Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
50
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 50mA
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 50mA
1.2
V
VBE(on)
Base-Emitter On Voltage
IC= 1A ; VCE= 2V
1.2
V
IC=0.75A;VCE=1.6V@-40℃≤TJ
≤ 150℃
0.75
V
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0
100
nA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
100
nA
hFE
DC Current Gain
IC= 0.5A; VCE= 2V
120
360
IC= 2A; VCE= 2V
40
IC=0.75A;VCE=1.6V@-40℃≤TJ
≤ 150℃
80
360
fT
Current-Gain—Bandwidth Product
IC= 0.1A ;VCE= 10V
65
MHZ
COB
Output Capacitance
VCB=10V;f=0.1MHz
80
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com