Electronic Components Datasheet Search
  English  ▼

X  

NJD2873 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # NJD2873
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NJD2873 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  NJD2873 Datasheet HTML 1Page - Inchange Semiconductor Company Limited NJD2873 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
NJD2873
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat)= 0.3V(Max)( IC= 1A; IB= 50mA)
·
DC Current Gain -hFE = 120(Min)@ IC= 0.5A
·
High Current-Gain—Bandwidth Product
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for high-gain audio amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
2
A
ICM
Collector Current-Peak
3
A
IB
Base Current
0.4
A
PC
Total Power Dissipation
@ TC=25℃
15
W
Collector Power Dissipation
Ta=25℃
1.68
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
Rth j-c
Thermal Resistance, Junction to Case
10
℃
/W
Rth j-a
Thermal
Resistance,Junction
to
Ambient
89.3
℃
/W


Similar Part No. - NJD2873

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJD2873 ONSEMI-NJD2873 Datasheet
53Kb / 5P
Plastic Power Transistors
November, 2006 ??Rev. 8
NJD2873 ONSEMI-NJD2873 Datasheet
72Kb / 5P
Power Transistors
January, 2017 ??Rev. 18
NJD2873G ONSEMI-NJD2873G Datasheet
53Kb / 5P
Plastic Power Transistors
November, 2006 ??Rev. 8
NJD2873RL ONSEMI-NJD2873RL Datasheet
53Kb / 5P
Plastic Power Transistors
November, 2006 ??Rev. 8
NJD2873RLG ONSEMI-NJD2873RLG Datasheet
53Kb / 5P
Plastic Power Transistors
November, 2006 ??Rev. 8
More results

Similar Description - NJD2873

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com