Electronic Components Datasheet Search
  English  ▼

X  

DS96F173M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F173M
Description  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS96F173M Datasheet HTML 1Page - National Semiconductor (TI) DS96F173M Datasheet HTML 2Page - National Semiconductor (TI) DS96F173M Datasheet HTML 3Page - National Semiconductor (TI) DS96F173M Datasheet HTML 4Page - National Semiconductor (TI) DS96F173M Datasheet HTML 5Page - National Semiconductor (TI) DS96F173M Datasheet HTML 6Page - National Semiconductor (TI) DS96F173M Datasheet HTML 7Page - National Semiconductor (TI) DS96F173M Datasheet HTML 8Page - National Semiconductor (TI) DS96F173M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics (Continued)
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LZ
Output Disable Time from Low Level
C
L = 5.0 pF, Figure 3
14
18
ns
|t
PLH–tPHL|
Pulse Width Distortion (SKEW)
Figure 1
1.0
3.0
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS96F175C. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless otherwise specified.
Note 5: The algebraic convention, when the less positive (more negative) limit is designated minimum, is used in this data sheet for common mode input voltage
and threshold voltage levels only.
Note 6: Hysteresis is the difference between the positive-going input threshold voltage. VTH, and the negative going input threshold voltage, VTL.
Note 7: Refer to EIA-485 Standard for exact conditions.
Note 8: Only one output at a time should be shorted.
Order Number: DS96F175CJ
See NS Package Number J16A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com