Electronic Components Datasheet Search
  English  ▼

X  

DS96F173M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F173M
Description  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96F173M Datasheet HTML 1Page - National Semiconductor (TI) DS96F173M Datasheet HTML 2Page - National Semiconductor (TI) DS96F173M Datasheet HTML 3Page - National Semiconductor (TI) DS96F173M Datasheet HTML 4Page - National Semiconductor (TI) DS96F173M Datasheet HTML 5Page - National Semiconductor (TI) DS96F173M Datasheet HTML 6Page - National Semiconductor (TI) DS96F173M Datasheet HTML 7Page - National Semiconductor (TI) DS96F173M Datasheet HTML 8Page - National Semiconductor (TI) DS96F173M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIL-STD-883C
Absolute Maximum Ratings (Note 2)
For complete Military Specifications, refer to the appro-
priate SMD or MDS.
Storage Temperature Range (T
STG)
−65˚C to +175˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Max. Package Power Dissipation (Note 9) at 25˚C
Ceramic DIP (J)
1500 mW
Ceramic Flatpak (W)
1034 mW
Ceramic LCC (E)
1500 mW
Supply Voltage
7.0V
Input Voltage, A or B Inputs
±25V
Differential Input Voltage
±25V
Enable Input Voltage
7.0V
Low Level Output Current
50 mA
Recommended Operating
Conditions
Min Typ Max Units
Supply Voltage (V
CC)
DS96F173M/DS96F175M
4.50 5.0 5.50
V
Common Mode
Input Voltage (V
CM)
−7
+12
V
Differential Input Voltage (V
ID)
|12|
V
Output Current HIGH (I
OH)
−400
µA
Output Current LOW (I
OL)11
mA
Operating Temperature (T
A)
DS96F173M/DS96F175M
−55
25
125
˚C
Note 9: Above TA = 25˚C derate J package 10 mW/˚C, W package
6.90 mW/˚C, E package 11.11 mW/˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
V
TH
Differential-Input
High Threshold Voltage
V
CC = 4.5V, 5.5V
V
CM = 0V, 12V, −12V
0.2
V
V
TL
Differential-Input (Note 5)
Low Threshold Voltage
V
CC = 4.5V, 5.5V
V
CM = 0V, 12V, −12V
−0.2
V
V
IH
Enable Input Voltage HIGH
2.0
V
V
IL
Enable Input Voltage LOW
0.8
V
V
IC
Enable Input Clamp Voltage
I
I = −18 mA, VCC = 4.5V
−1.5
V
V
OH
Output Voltage HIGH
V
ID = 200 mV
I
OH = −400 µA
−55˚C to +125˚C
2.5
V
V
OL
Output Voltage LOW
V
ID = −200 mV
I
OL = 8.0 mA
0.45
V
I
OZ
High-Impedance State Output
V
O = 0.4V, 2.4V, VCC = 5.5V
±20
µA
I
I
Line Input Current (Note 7)
Other Input = 0V
V
I = 12V
1.0
mA
V
I = −7.0V
−0.8
I
IH
Enable Input Current HIGH
V
IH = 2.7V, VCC = 5.5V
20
µA
I
IL
Enable Input Current LOW
V
IL = 0.4V, VCC = 5.5V
−100
µA
R
I
Input Resistance
10
k
Ω
I
OS
Short Circuit Output Current
(Note 8)
−15
−85
mA
I
CC
Supply Current
No Load
Outputs Enabled
or Disabled
50
mA
I
CCX
MIL-STD-883C
Switching Characteristics
V
CC = 5.0V
Symbol
Parameter
Conditions
T
A = 25˚C
T
A = −55˚C
T
A =
125˚C
Units
Typ
Max
Max
Max
t
PLH
Propagation Delay Time,
V
ID = −2.5V to +2.5V,
15
22
30
30
ns
Low to High Level Output
C
L =15pF, Figure 1
t
PHL
Propagation Delay Time,
V
CM =0V
15
22
30
30
ns
High to Low Level Output
t
ZH
Output Enable Time to High
Level
C
L =15pF, Figure 2
12
16
27
27
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com