Electronic Components Datasheet Search
  English  ▼

X  

MT8888CS Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # MT8888CS
Description  Integrated DTMF Transceiver with Intel Micro Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8888CS Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button MT8888CS Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 14Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 15Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 16Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 17Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MT8888C
Data Sheet
13
Zarlink Semiconductor Inc.
RS0
WR
RD
FUNCTION
0
0
1
Write to Transmit Data Register
0
1
0
Read from Receive Data Register
1
0
1
Write to Control Register
1
1
0
Read from Status Register
Table 3 - Internal Register Functions
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
Table 4 - CRA Bit Positions
b3
b2
b1
b0
C/R
S/D
TEST
BURST
ENABLE
Table 5 - CRB Bit Positions
BIT
NAME
DESCRIPTION
b0
TOUT
Tone Output Control. A logic high enables the tone output; a logic low turns the tone output
off. This bit controls all transmit tone functions.
b1
CP/DTMF
Call Progress or DTMF Mode Select. A logic high enables the receive call progress mode;
a logic low enables DTMF mode. In DTMF mode the device is capable of receiving and
transmitting DTMF signals. In CP mode a rectangular wave representation of the received
tone signal will be present on the IRQ/CP output pin if IRQ has been enabled (control
register A, b2=1). In order to be detected, CP signals must be within the bandwidth
specified in the AC Electrical Characteristics for Call Progress.
Note: DTMF signals cannot be detected when CP mode is selected.
b2
IRQ
Interrupt Enable. A logic high enables the interrupt function; a logic low deactivates the
interrupt function. When IRQ is enabled and DTMF mode is selected (control register A,
b1=0), the IRQ/CP output pin will go low when either 1) a valid DTMF signal has been
received for a valid guard time duration, or 2) the transmitter is ready for more data (burst
mode only).
b3
RSEL
Register Select. A logic high selects control register B for the next write cycle to the control
register address. After writing to control register B, the following control register write cycle
will be directed to control register A.
Table 6 - Control Register A Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com