Electronic Components Datasheet Search
  English  ▼

X  

MT8888CS Datasheet(PDF) 21 Page - Zarlink Semiconductor Inc

Part # MT8888CS
Description  Integrated DTMF Transceiver with Intel Micro Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8888CS Datasheet(HTML) 21 Page - Zarlink Semiconductor Inc

Back Button MT8888CS Datasheet HTML 17Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 18Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 19Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 20Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 21Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 22Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 23Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 24Page - Zarlink Semiconductor Inc MT8888CS Datasheet HTML 25Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MT8888C
Data Sheet
21
Zarlink Semiconductor Inc.
† Characteristics are over recommended operating conditions unless otherwise stated
‡ Typical figures are at 25
°C, V
DD=5 V, and for design aid only: not guaranteed and not subject to production testing
Notes:
1.
dBm=decibels above or below a reference power of 1 mW into a 600 ohm load.
2.
Digit sequence consists of all 16 DTMF tones.
3.
Tone duration=40 ms. Tone pause=40 ms.
4.
Nominal DTMF frequencies are used.
5.
Both tones in the composite signal have an equal amplitude.
6.
The tone pair is deviated by
± 1.5%±2 Hz.
7.
Bandwidth limited (3 kHz) Gaussian noise.
8.
The precise dial tone frequencies are 350 and 440 Hz (
±2%).
9.
Guaranteed by design and characterization. Not subject to production testing.
10.
Referenced to the lowest amplitude tone in the DTMF signal.
11.
For guard time calculation purposes.
Figure 18 - RD/WR Clock Pulse
Figure 19 - 8031/8051/8085 Read Timing Diagram
Figure 20 - 8031/8051/8085 Write Timing Diagram
13
Output Capacitance (IRQ/CP)
COUT
5pF
AC Electrical Characteristics†- MPU Interface (continued)- Voltages are with respect to ground (VSS), unless otherwise
Characteristics
Sym.
Min.
Typ.‡
Max.
Units
Conditions
tCYC
tR
tPWH
tPWL
RD/WR
tF
RD
CS, RS0
DATA BUS
tPWL
tAS
tAH
tPWH
tDDR
tDHR
WR
CS, RS0
DATA BUS
tPWL
tAS
tAH
tPWH
tDSW
tDHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com