Electronic Components Datasheet Search
  English  ▼

X  

IRLML6401 Datasheet(PDF) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # IRLML6401
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

IRLML6401 Datasheet(HTML) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  IRLML6401 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6401 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6401 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6401 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
0
1020
3040
-ID , Drain Current ( A )
0.00
0.05
0.10
0.15
0.20
VGS = -4.5V
VGS = -2.5V
VGS = -1.8V
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.3
0.4
0.5
0.6
0.7
0.8
ID = -250µA
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-VGS, Gate -to -Source Voltage ( V )
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
Id = -4.3A
Page:P4 -P4
Plastic-Encapsulate Mosfets
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
IRLML6401



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com